Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000RFIUT Datasheet(PDF) 53 Page - Texas Instruments

Part # ADC12D1000RFIUT
Description  12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
Download  84 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000RFIUT Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC12D1000RFIUT Datasheet HTML 49Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 50Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 51Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 52Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 53Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 54Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 55Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 56Page - Texas Instruments ADC12D1000RFIUT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 84 page
background image
ADC12D1000RF, ADC12D1600RF
www.ti.com
SNAS519H – JULY 2011 – REVISED AUGUST 2015
Table 5-17. DES Timing Adjust
Addr: 7h (0111b)
POR state: 8142h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
DTA(6:0)
Res
POR
1
0
0
0
0
0
0
1
0
1
0
0
0
0
1
0
Bits 15:9
DTA(6:0): DES Mode Timing Adjust. In the DES Mode, the time at which the falling edge sampling clock samples relative to
the rising edge of the sampling clock may be adjusted; the automatic duty cycle correction continues to function. See Input
Control and Adjust for more information. The nominal step size is 30fs.
Bits 8:0
Reserved. Must be set as shown.
Table 5-18. Reserved
Addr: 8h (1000b)
POR state: 0F0Fh
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
POR
0
0
0
0
1
1
1
1
0
0
0
0
1
1
1
1
Bits 15:0
Reserved. Must be set as shown.
Table 5-19. Reserved
Addr: 9h (1001b)
POR state: 0000h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits 15:0
Reserved. Must be set as shown.
Table 5-20. Q-channel Offset Adjust
Addr: Ah (1010b)
POR state: 0000h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
OS
OM(11:0)
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits 15:13
Reserved. Must be set to 0b.
Bit 12
OS: Offset Sign. The default setting of 0b incurs a positive offset of a magnitude set by Bits 11:0 to the ADC output. Setting
this bet to 1b incurs a negative offset of the set magnitude.
Bits 11:0
OM(11:0): Offset Magnitude. These bits determine the magnitude of the offset set at the ADC output (straight binary coding).
The range is from 0 mV for OM(11:0) = 0d to 45 mV for OM(11:0) = 4095d in steps of approximately 11 µV. Monotonicity is
specified by design only for the 9 MSBs.
Code
Offset [mV]
0000 0000 0000 (default)
0
1000 0000 0000
22.5
1111 1111 1111
45
Copyright © 2011–2015, Texas Instruments Incorporated
Detailed Description
53
Submit Documentation Feedback
Product Folder Links: ADC12D1000RF ADC12D1600RF


Similar Part No. - ADC12D1000RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT/NOPB TI-ADC12D1000RFIUT/NOPB Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
More results

Similar Description - ADC12D1000RFIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF Datasheet
2Mb / 67P
[Old version datasheet]   12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D1000RFIUT TI-ADC12D1000RFIUT Datasheet
1Mb / 74P
[Old version datasheet]   ADC12D1600/1000RF 12-Bit, 3.2/2.0 GSPS RF Sampling ADC
ADC12D800RFIUT TI1-ADC12D800RFIUT Datasheet
1Mb / 84P
[Old version datasheet]   12-Bit, 1.6/1.0 GSPS RF Sampling ADC
ADC12D1800RFIUT TI-ADC12D1800RFIUT Datasheet
1Mb / 78P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12D1800RF TI1-ADC12D1800RF Datasheet
2Mb / 68P
[Old version datasheet]   ADC12D1800RF 12-Bit, Single 3.6 GSPS RF Sampling ADC
ADC12DJ3200 TI1-ADC12DJ3200_19 Datasheet
3Mb / 155P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200QML-SP TI1-ADC12DJ3200QML-SP Datasheet
1Mb / 134P
[Old version datasheet]   6.4-GSPS, Single-Channel or 3.2-GSPS, Dual-Channel, 12-Bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12DJ3200 TI1-ADC12DJ3200 Datasheet
1Mb / 111P
[Old version datasheet]   6.4-GSPS Single Channel or 3.2-GSPS Dual Channel, 12-bit, RF-Sampling Analog-to-Digital Converter (ADC)
ADC12D500RF TI1-ADC12D500RF Datasheet
2Mb / 74P
[Old version datasheet]   ADC12D800/500RF 12-Bit, 1.6/1.0 GSPS RF Sampling ADC
logo
Analog Devices
AD9081 AD-AD9081 Datasheet
122Kb / 3P
   MxFE Quad, 16-Bit, 12 GSPS RF DAC and Quad, 12-Bit, 4 GSPS RF ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com