Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P6KE24 Datasheet(PDF) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

Part # P6KE24
Description  GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SHUNYE [Shanghai Shunye Electronics Co.,Ltd.]
Direct Link  http://www.shunyegroup.com.cn/
Logo SHUNYE - Shanghai Shunye Electronics Co.,Ltd.

P6KE24 Datasheet(HTML) 3 Page - Shanghai Shunye Electronics Co.,Ltd.

  P6KE24 Datasheet HTML 1Page - Shanghai Shunye Electronics Co.,Ltd. P6KE24 Datasheet HTML 2Page - Shanghai Shunye Electronics Co.,Ltd. P6KE24 Datasheet HTML 3Page - Shanghai Shunye Electronics Co.,Ltd. P6KE24 Datasheet HTML 4Page - Shanghai Shunye Electronics Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
s
c
i
t
s
i
r
e
t
c
a
r
a
h
C
l
a
c
i
r
t
c
e
l
E
(Ratings at 25oC ambient temperature unless otherwise specified.)
e
p
y
t
e
c
i
v
e
D
e
g
a
t
l
o
v
n
w
o
d
k
a
e
r
B
V
)
R
B
(
)
s
t
l
o
V
(
)
1
(
t
s
e
T
t
n
e
r
r
u
c
I
t
a
T
)
A
m
(
f
f
o
-
d
n
a
t
S
e
g
a
t
l
o
v
V
M
W
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
s
r
e
v
e
r
e
g
a
k
a
e
l
V
t
a
M
W
I
D
)
3
(
(u )
A
m
u
m
i
x
a
M
e
s
l
u
p
k
a
e
p
t
n
e
r
r
u
c
I
M
P
P
)
2
(
)
A
(
m
u
m
i
x
a
M
g
n
i
p
m
a
l
c
t
a
e
g
a
t
l
o
v
I
M
P
P
V
C
)
s
t
l
o
V
(
m
u
m
i
x
a
M
e
r
u
t
a
r
e
p
m
e
t
t
n
e
i
c
i
f
f
e
o
c
V
f
o
)
R
B
(
/
%
(
o
)
C
.
n
i
M.
x
a
M
2
6
E
K
6
P8
.
5
52
.
8
60
.
12
.
0
50
.
17
.
60
.
9
84
0
1
.
0
A
2
6
E
K
6
P9
.
8
51
.
5
60
.
10
.
3
50
.
11
.
70
.
5
84
0
1
.
0
8
6
E
K
6
P2
.
1
68
.
4
70
.
11
.
5
50
.
11
.
60
.
8
94
0
1
.
0
A
8
6
E
K
6
P6
.
4
64
.
1
70
.
11
.
8
50
.
15
.
60
.
2
94
0
1
.
0
5
7
E
K
6
P5
.
7
65
.
2
80
.
17
.
0
60
.
16
.
58
0
15
0
1
.
0
A
5
7
E
K
6
P3
.
1
78
.
8
70
.
11
.
4
60
.
18
.
53
0
15
0
1
.
0
2
8
E
K
6
P8
.
3
72
.
0
90
.
14
.
6
60
.
11
.
58
1
15
0
1
.
0
A
2
8
E
K
6
P9
.
7
71
.
6
80
.
11
.
0
70
.
13
.
53
1
15
0
1
.
0
1
9
E
K
6
P9
.
1
80
0
10
.
17
.
3
70
.
16
.
41
3
16
0
1
.
0
A
1
9
E
K
6
P5
.
6
85
.
5
90
.
18
.
7
70
.
18
.
45
2
16
0
1
.
0
0
0
1
E
K
6
P0
.
0
90
1
10
.
10
.
1
80
.
12
.
44
4
16
0
1
.
0
A
0
0
1
E
K
6
P0
.
5
95
0
10
.
15
.
5
80
.
14
.
47
3
16
0
1
.
0
0
1
1
E
K
6
P0
.
9
91
2
10
.
12
.
9
80
.
18
.
38
5
17
0
1
.
0
A
0
1
1
E
K
6
P5
0
16
1
10
.
10
.
4
90
.
19
.
32
5
17
0
1
.
0
0
2
1
E
K
6
P8
0
12
3
10
.
12
.
7
90
.
15
.
33
7
17
0
1
.
0
A
0
2
1
E
K
6
P4
1
16
2
10
.
12
0
10
.
16
.
35
6
17
0
1
.
0
0
3
1
E
K
6
P7
1
13
4
10
.
15
0
10
.
12
.
37
8
17
0
1
.
0
A
0
3
1
E
K
6
P4
2
17
3
10
.
11
1
10
.
14
.
39
7
17
0
1
.
0
0
5
1
E
K
6
P5
3
15
6
10
.
11
2
10
.
18
.
25
1
28
0
1
.
0
A
0
5
1
E
K
6
P3
4
18
5
10
.
18
2
10
.
19
.
27
0
28
0
1
.
0
0
6
1
E
K
6
P4
4
16
7
10
.
10
3
10
.
16
.
20
3
28
0
1
.
0
A
0
6
1
E
K
6
P2
5
18
6
10
.
16
3
10
.
17
.
29
1
28
0
1
.
0
0
7
1
E
K
6
P3
5
17
8
10
.
18
3
10
.
15
.
24
4
28
0
1
.
0
A
0
7
1
E
K
6
P2
6
19
7
10
.
15
4
10
.
16
.
24
3
28
0
1
.
0
0
8
1
E
K
6
P2
6
18
9
10
.
16
4
10
.
13
.
28
5
28
0
1
.
0
A
0
8
1
E
K
6
P1
7
19
8
10
.
14
5
10
.
14
.
26
4
28
0
1
.
0
0
0
2
E
K
6
P0
8
10
2
20
.
12
6
10
.
11
.
27
8
28
0
1
.
0
A
0
0
2
E
K
6
P0
9
10
1
20
.
11
7
10
.
12
.
24
7
28
0
1
.
0
0
2
2
E
K
6
P8
9
12
4
20
.
15
7
10
.
17
.
14
4
38
0
1
.
0
A
0
2
2
E
K
6
P9
0
21
3
20
.
15
8
10
.
18
.
18
2
38
0
1
.
0
0
5
2
E
K
6
P5
2
25
7
20
.
12
0
20
.
17
.
10
6
30
1
1
.
0
A
0
5
2
E
K
6
P7
3
23
6
20
.
14
1
20
.
17
.
14
4
30
1
1
.
0
0
0
3
E
K
6
P0
7
20
3
30
.
13
4
20
.
14
.
10
3
40
1
1
.
0
A
0
0
3
E
K
6
P5
8
25
1
30
.
16
5
20
.
14
.
14
1
40
1
1
.
0
0
5
3
E
K
6
P5
1
35
8
30
.
14
8
20
.
12
.
14
0
50
1
1
.
0
A
0
5
3
E
K
6
P3
3
38
6
30
.
10
0
30
.
12
.
12
8
40
1
1
.
0
0
0
4
E
K
6
P0
6
30
4
40
.
14
2
30
.
10
.
14
7
50
1
1
.
0
A
0
0
4
E
K
6
P0
8
30
2
40
.
12
4
30
.
11
.
18
4
50
1
1
.
0
0
4
4
E
K
6
P6
9
34
8
40
.
16
5
30
.
15
9
.
01
3
68
0
1
.
0
A
0
4
4
E
K
6
P8
1
42
6
40
.
16
7
30
.
10
.
12
0
68
0
1
.
0
A
0
8
4
E
K
6
P6
5
44
0
50
.
18
0
40
.
19
.
08
5
60
1
1
.
0
A
0
1
5
E
K
6
P5
8
45
3
50
.
14
3
40
.
19
.
08
9
60
1
1
.
0
A
0
3
5
E
K
6
P5
.
3
0
55
.
6
5
50
.
10
5
40
.
18
.
05
2
70
1
1
.
0
A
0
4
5
E
K
6
P3
1
57
6
50
.
19
5
40
.
18
.
00
4
70
1
1
.
0
A
0
5
5
E
K
6
P5
.
2
2
55
.
7
7
50
.
17
6
40
.
18
.
00
6
70
1
1
.
0
Notes:
1. V
(BR) measured after IT applied for 300us, IT=square wave pulse or equivalent
2. Surge current waveform per Fig. 3 and derate per Fig. 2
3. For bidirectional types with V
WM of 10 volts and less, the ID limit is doubled
4. All terms and symbols are consistent with ANSI/IEEE C62.35
5. For parts without A, the V
BR is +10%
This P6KE TVS series is a low cost commercial product for use in applications where large voltage transients can permanently damage voltage-sensitive
components.
The P6KE series device types are designed in a small package size where power and space is a consideration. They are characterized by their high surge capability,
extremely fast response time, and low impedance, (Ron). Because of the unpredictable nature of transients, and the variation of the impedance with respect to these
transients, impedance, per se, is not specified as a parametric value. However, a minimum voltage at low current conditions (BV) and a maximum clamping voltage
(Vc) at a maximum peak pulse current is specified.
In some instances, the thermal effect (see Vc Clamping Voltage) may be responsible for 50% to 70%. of the observed voltage differential when subjected to high
current pulses for several duty cycles, thus making a maximum impedance specification insignificant.
In case of a severe current overload or abnormal transient beyond the maximum ratings, the Transient Voltage Suppressor will initially fail 'short' thus tripping the
system's circuit breaker or fuse while protecting the entire circuit. Curves depicting clamping voltage vs. various current pulses are available from the factory.
Extended power curves vs. pulse time are also available.
Description:
www.shunyegroup.com


Similar Part No. - P6KE24

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
P6KE24 PANJIT-P6KE24 Datasheet
62Kb / 6P
   GLASS PASSIVATED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR(VOLTAGE - 6.8 TO 440 Volts 600Watt Peak Power 5.0 Watt Steady State)
logo
Zibo Seno Electronic En...
P6KE24 ZSELEC-P6KE24 Datasheet
261Kb / 4P
   600W TRANSIENT VOLTAGE SUPPRESSORS
logo
Micro Commercial Compon...
P6KE24 MCC-P6KE24 Datasheet
208Kb / 5P
   600WATTS TRANSIENT VOLTAGE SUPPRESSOR 6.8 TO 540 VOLTS
logo
Microsemi Corporation
P6KE24 MICROSEMI-P6KE24 Datasheet
83Kb / 2P
   TRANSIENT ABSORPTION ZENER
logo
Vishay Siliconix
P6KE24 VISHAY-P6KE24 Datasheet
108Kb / 7P
   TRANSZORB® Transient Voltage Suppressors
Revision: 22-Oct-08
More results

Similar Description - P6KE24

ManufacturerPart #DatasheetDescription
logo
Shanghai Shunye Electro...
SA5.0 SHUNYE-SA5.0 Datasheet
659Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE SHUNYE-P4KE Datasheet
877Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 SHUNYE-P4KE6.8 Datasheet
661Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P6KE SHUNYE-P6KE Datasheet
937Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
P4KE6.8 CHENDA-P4KE6.8_V01 Datasheet
558Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
P4KE6.8 CHENDA-P4KE6.8_V02 Datasheet
602Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0A CHENDA-SA5.0A_V01 Datasheet
479Kb / 3P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Shanghai Shunye Electro...
P4KE6.8 SY-P4KE6.8 Datasheet
662Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
SA5.0 SY-SA5.0 Datasheet
660Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
logo
Microdiode Electronics ...
SA5.0 CHENDA-SA5.0 Datasheet
840Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
1.5KE6.8 CHENDA-1.5KE6.8_V01 Datasheet
599Kb / 4P
   GLASS PASSIVAED JUNCTION TRANSIENT VOLTAGE SUPPRESSOR
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com