Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000CIUT Datasheet(PDF) 53 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1000CIUT
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000CIUT Datasheet(HTML) 53 Page - Texas Instruments

Back Button ADC12D1000CIUT Datasheet HTML 49Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 50Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 51Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 52Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 53Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 54Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 55Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 56Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 57Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 86 page
background image
ADC12D1000, ADC12D1600
www.ti.com
SNAS480N – MAY 2010 – REVISED AUGUST 2015
7.6 Register Maps
Ten read/write registers provide several control and configuration options in the Extended Control Mode. These
registers have no effect when the device is in the Non-extended Control Mode. Each register description below
also shows the Power-On Reset (POR) state of each control bit. See Table 8 for a summary. For a description of
the functionality and timing to read/write the control registers, see The Serial Interface.
Table 8. Register Addresses
A3
A2
A1
A0
Hex
Register Addressed
0
0
0
0
0h
Configuration Register 1
0
0
0
1
1h
Reserved
0
0
1
0
2h
I-channel Offset
0
0
1
1
3h
I-channel Full-Scale Range
0
1
0
0
4h
Calibration Adjust
0
1
0
1
5h
Calibration Values
0
1
1
0
6h
Reserved
0
1
1
1
7h
DES Timing Adjust
1
0
0
0
8h
Reserved
1
0
0
1
9h
Reserved
1
0
1
0
Ah
Q-channel Offset
1
0
1
1
Bh
Q-channel Full-Scale Range
1
1
0
0
Ch
Aperture Delay Coarse Adjust
1
1
0
1
Dh
Aperture Delay Fine Adjust
1
1
1
0
Eh
AutoSync
1
1
1
1
Fh
Reserved
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
53
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com