Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000CIUT Datasheet(PDF) 34 Page - Texas Instruments

Click here to check the latest version.
Part # ADC12D1000CIUT
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000CIUT Datasheet(HTML) 34 Page - Texas Instruments

Back Button ADC12D1000CIUT Datasheet HTML 30Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 31Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 32Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 33Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 34Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 35Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 36Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 37Page - Texas Instruments ADC12D1000CIUT Datasheet HTML 38Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 86 page
background image
0
250
500
750
1,000
52
54
56
58
60
62
CLOCK FREQUENCY (MHz)
NON-DES MODE
DES MODE
0
400
800
1,200
1,600
52
54
56
58
60
62
CLOCK FREQUENCY (MHz)
NON-DES MODE
DES MODE
1.6
1.8
2.0
2.2
52
54
56
58
60
62
VA(V)
NON-DES MODE
DES MODE
1.6
1.8
2.0
2.2
52
54
56
58
60
62
VA(V)
NON-DES MODE
DES MODE
-50
0
50
100
52
54
56
58
60
62
TEMPERATURE (°C)
NON-DES MODE
DES MODE
-50
0
50
100
52
54
56
58
60
62
TEMPERATURE (°C)
NON-DES MODE
DES MODE
ADC12D1000, ADC12D1600
SNAS480N – MAY 2010 – REVISED AUGUST 2015
www.ti.com
Typical Characteristics (continued)
VA = VDR = VTC = VE = 1.9 V, fCLK = 1.0/1.6 GHz, fIN = 498 MHz, TA= 25°C, I-channel, 1:2 Demux Non-DES Mode (1:1 Demux
Non-DES Mode has similar performance), unless otherwise stated. For NPR plots, notch width = 25 MHz, fc = 320 MHz.
Figure 27. SNR vs Temperature (ADC12D1000)
Figure 28. SNR vs Temperature (ADC12D1600)
Figure 29. SNR vs Supply Voltage (ADC12D1000)
Figure 30. SNR vs Supply Voltage (ADC12D1600)
Figure 31. SNR vs Clock Frequency (ADC12D1000)
Figure 32. SNR vs Clock Frequency (ADC12D1600)
34
Submit Documentation Feedback
Copyright © 2010–2015, Texas Instruments Incorporated
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000CIUT

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com