Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000 Datasheet(PDF) 15 Page - Texas Instruments

Part # ADC12D1000
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000 Datasheet(HTML) 15 Page - Texas Instruments

Back Button ADC12D1000_15 Datasheet HTML 11Page - Texas Instruments ADC12D1000_15 Datasheet HTML 12Page - Texas Instruments ADC12D1000_15 Datasheet HTML 13Page - Texas Instruments ADC12D1000_15 Datasheet HTML 14Page - Texas Instruments ADC12D1000_15 Datasheet HTML 15Page - Texas Instruments ADC12D1000_15 Datasheet HTML 16Page - Texas Instruments ADC12D1000_15 Datasheet HTML 17Page - Texas Instruments ADC12D1000_15 Datasheet HTML 18Page - Texas Instruments ADC12D1000_15 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 86 page
background image
I / O
GND
V
A
TO INTERNAL
CIRCUITRY
damage this device). See the following figure.
ADC12D1000, ADC12D1600
www.ti.com
SNAS480N – MAY 2010 – REVISED AUGUST 2015
6.5 Electrical Characteristics: Static Converter
Unless otherwise specified, the following apply after calibration for VA = VDR = VTC = VE = 1.9 V; I- and Q-channels, AC-
coupled, unused channel terminated to AC ground, FSR Pin = High; CL = 10 pF; Differential, AC coupled Sine Wave
Sampling Clock, fCLK = 1 or 1.6 GHz at 0.5 VP-P with 50% duty cycle (as specified); VBG = Floating; Non-Extended Control
Mode; Rext = Rtrim = 3300
Ω ± 0.1%; Analog Signal Source Impedance = 100-Ω Differential; 1:2 Demultiplex Non-DES
Mode; Duty Cycle Stabilizer on. All other limits TA = 25°C, unless otherwise noted.
(1) (2) (3)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
Resolution with No Missing
TA = TMIN to TMAX
12
bits
Codes
1-MHz DC-coupled
TA = 25°C
±2.5
Integral Non-Linearity
INL
LSB
over-ranged sine wave
(Best fit)
TA = TMIN to TMAX
±4.8
1-MHz DC-coupled
TA = 25°C
±0.4
DNL
Differential Non-Linearity
LSB
over-ranged sine wave
TA = TMIN to TMAX
±0.9
VOFF
Offset Error
5
LSB
VOFF_AD Input Offset Adjustment
Extended Control Mode
±45
mV
J
Range
PFSE
Positive Full-Scale Error
See(4). TA = TMIN to TMAX
±25
mV
NFSE
Negative Full-Scale Error
See(4). TA = TMIN to TMAX
±25
mV
(VIN+) − (VIN−) > + Full Scale, TA = TMIN to TMAX
4095
Out-of-Range Output Code(5)
(VIN+) − (VIN−) < − Full Scale, TA = TMIN to TMAX
0
(1)
The analog inputs, labeled "I/O", are protected as shown below. Input voltage magnitudes beyond the Absolute Maximum Ratings may
(2)
To ensure accuracy, it is required that VA, VTC, VE and VDR be well-bypassed. Each supply pin must be decoupled with separate
bypass capacitors.
(3)
Typical figures are at TA = 25°C, and represent most likely parametric norms. Test limits are ensured to TI's AOQL (Average Outgoing
Quality Level).
(4)
Calculation of Full-Scale Error for this device assumes that the actual reference voltage is exactly its nominal value. Full-Scale Error for
this device, therefore, is a combination of Full-Scale Error and Reference Voltage Error. See Figure 8. For relationship between Gain
Error and Full-Scale Error, see Specification Definitions for Gain Error.
(5)
This parameter is specified by design and is not tested in production.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
15
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000/1600CIUT NSC-ADC12D1000/1600CIUT Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000/1600RB NSC-ADC12D1000/1600RB Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com