Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000 Datasheet(PDF) 55 Page - Texas Instruments

Part # ADC12D1000
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000 Datasheet(HTML) 55 Page - Texas Instruments

Back Button ADC12D1000_15 Datasheet HTML 51Page - Texas Instruments ADC12D1000_15 Datasheet HTML 52Page - Texas Instruments ADC12D1000_15 Datasheet HTML 53Page - Texas Instruments ADC12D1000_15 Datasheet HTML 54Page - Texas Instruments ADC12D1000_15 Datasheet HTML 55Page - Texas Instruments ADC12D1000_15 Datasheet HTML 56Page - Texas Instruments ADC12D1000_15 Datasheet HTML 57Page - Texas Instruments ADC12D1000_15 Datasheet HTML 58Page - Texas Instruments ADC12D1000_15 Datasheet HTML 59Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 55 / 86 page
background image
ADC12D1000, ADC12D1600
www.ti.com
SNAS480N – MAY 2010 – REVISED AUGUST 2015
Table 11. I-Channel Offset Adjust
Addr: 2h (0010b)
POR state: 0000h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
OS
OM(11:0)
POR
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bits 15:13
Reserved. Must be set to 0b.
Bit 12
OS: Offset Sign. The default setting of 0b incurs a positive offset of a magnitude set by Bits 11:0 to the ADC output. Setting
this bet to 1b incurs a negative offset of the set magnitude.
Bits 11:0
OM(11:0): Offset Magnitude. These bits determine the magnitude of the offset set at the ADC output (straight binary coding).
The range is from 0 mV for OM(11:0) = 0d to 45 mV for OM(11:0) = 4095d in steps of approximately 11 µV. Monotonicity is
ensured by design only for the 9 MSBs.
Code
Offset [mV]
0000 0000 0000 (default)
0
1000 0000 0000
22.5
1111 1111 1111
45
Table 12. I-Channel Full Scale Range Adjust
Addr: 3h (0011b)
POR state: 4000h
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
FM(14:0)
POR
0
1
0
0
0
0
0
0
0
0
0
0
0
0
0
0
Bit 15
Reserved. Must be set to 0b.
Bits 14:0
FM(14:0): FSR Magnitude. These bits increase the ADC full-scale range magnitude (straight binary coding.) The range is from
600 mV (0d) to 1000 mV (32767d) with the default setting at 800 mV (16384d). Monotonicity is ensured by design only for the
9 MSBs. The mid-range (low) setting in ECM corresponds to the nominal (low) setting in Non-ECM. A greater range of FSR
values is available in ECM, that is, FSR values above 800 mV. See VIN_FSR in Electrical Characteristics: Analog Input/Output
and Reference for characterization details.
Code
FSR [mV]
000 0000 0000 0000
600
100 0000 0000 0000 (default)
800
111 1111 1111 1111
1000
Table 13. Calibration Adjust
Addr: 4h (0100b)
POR state: DF4Bh
Bit
15
14
13
12
11
10
9
8
7
6
5
4
3
2
1
0
Name
Res
CSS
Res
SSC
Res
POR
1
1
0
1
1
1
1
1
0
1
0
0
1
0
1
1
Bit 15
Reserved. Must be set as shown.
Bit 14
CSS: Calibration Sequence Select. The default 1b selects the following calibration sequence: reset all previously calibrated
elements to nominal values, do RIN Calibration, do internal linearity Calibration. Setting CSS = 0b selects the following
calibration sequence: do not reset RIN to its nominal value, skip RIN calibration, do internal linearity Calibration. The calibration
must be completed at least one time with CSS = 1b to calibrate RIN. Subsequent calibrations may be run with CSS = 0b (skip
RIN calibration) or 1b (full RIN and internal linearity Calibration).
Bits 13:8
Reserved. Must be set as shown.
Bit 7
SSC: SPI Scan Control. Setting this control bit to 1b allows the calibration values, stored in Addr: 5h, to be read/written. When
not reading/writing the calibration values, this control bit should left at its default 0b setting. See Calibration Feature for more
information.
Bits 6:0
Reserved. Must be set as shown.
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
55
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000/1600CIUT NSC-ADC12D1000/1600CIUT Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000/1600RB NSC-ADC12D1000/1600RB Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com