Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC12D1000 Datasheet(PDF) 49 Page - Texas Instruments

Part # ADC12D1000
Description  GSPS Ultra High-Speed ADC
Download  86 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC12D1000 Datasheet(HTML) 49 Page - Texas Instruments

Back Button ADC12D1000_15 Datasheet HTML 45Page - Texas Instruments ADC12D1000_15 Datasheet HTML 46Page - Texas Instruments ADC12D1000_15 Datasheet HTML 47Page - Texas Instruments ADC12D1000_15 Datasheet HTML 48Page - Texas Instruments ADC12D1000_15 Datasheet HTML 49Page - Texas Instruments ADC12D1000_15 Datasheet HTML 50Page - Texas Instruments ADC12D1000_15 Datasheet HTML 51Page - Texas Instruments ADC12D1000_15 Datasheet HTML 52Page - Texas Instruments ADC12D1000_15 Datasheet HTML 53Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 49 / 86 page
background image
ADC12D1000, ADC12D1600
www.ti.com
SNAS480N – MAY 2010 – REVISED AUGUST 2015
7.5.1.1.1
Dual Edge Sampling Pin (DES)
The Dual Edge Sampling (DES) Pin selects whether the ADC12D1x00 is in DES Mode (logic-high) or Non-DES
Mode (logic-low). DES Mode means that a single analog input is sampled by both I- and Q-channels in a time-
interleaved manner. One of the ADCs samples the input signal on the rising sampling clock edge (duty cycle
corrected); the other ADC samples the input signal on the falling sampling clock edge (duty cycle corrected). In
Non-ECM, only the I-input may be used for DES Mode, a.k.a. DESI Mode. In ECM, the Q-input may be selected
through the DEQ Bit (Addr: 0h, Bit: 6), a.k.a. DESQ Mode. In ECM, both the I- and Q-inputs may be selected,
a.k.a. DESIQ Mode.
To use this feature in ECM, use the DES bit in the Configuration Register (Addr: 0h; Bit: 7). See DES/Non-DES
Mode for more information.
7.5.1.1.2
Non-Demultiplexed Mode Pin (NDM)
The Non-Demultiplexed Mode (NDM) Pin selects whether the ADC12D1x00 is in Demux Mode (logic-low) or
Non-Demux Mode (logic-high). In Non-Demux Mode, the data from the input is produced at the sampled rate at a
single 12-bit output bus. In Demux Mode, the data from the input is produced at half the sampled rate at twice
the number of output buses. For Non-DES Mode, each I- or Q-channel will produce its data on one or two buses
for Non-Demux or Demux Mode, respectively. For DES Mode, the selected channel will produce its data on two
or four buses for Non-Demux or Demux Mode, respectively.
This feature is pin-controlled only and remains active during both Non-ECM and ECM. See Demux/Non-Demux
Mode for more information.
7.5.1.1.3
Dual Data Rate Phase Pin (DDRPH)
The Dual Data Rate Phase (DDRPh) Pin selects whether the ADC12D1x00 is in 0° Mode (logic-low) or 90° Mode
(logic-high). The Data is always produced in DDR Mode on the ADC12D1x00. The Data may transition either
with the DCLK transition (0° Mode) or halfway between DCLK transitions (90° Mode). The DDRPh Pin selects 0°
Mode or 90° Mode for both the I-channel: DI- and DId-to-DCLKI phase relationship and for the Q-channel: DQ-
and DQd-to-DCLKQ phase relationship.
To use this feature in ECM, use the DPS bit in the Configuration Register (Addr: 0h; Bit: 14). See DDR Clock
Phase for more information.
7.5.1.1.4
Calibration Pin (CAL)
The Calibration (CAL) Pin may be used to execute an on-command calibration or to disable the power-on
calibration. The effect of calibration is to maximize the dynamic performance. To initiate an on-command
calibration through the CAL pin, bring the CAL pin high for a minimum of tCAL_H input clock cycles after it has
been low for a minimum of tCAL_L input clock cycles. Holding the CAL pin high upon power-on will prevent
execution of the power-on calibration. In ECM, this pin remains active and is logically OR'd with the CAL bit.
To use this feature in ECM, use the CAL bit in the Configuration Register (Addr: 0h; Bit: 15). See Calibration
Feature for more information.
7.5.1.1.5
Calibration Delay Pin (CALDLY)
The Calibration Delay (CalDly) Pin selects whether a shorter or longer delay time is present, after the application
of power, until the start of the power-on calibration. The actual delay time is specified as tCalDly and may be found
in Timing Requirements: Calibration. This feature is pin-controlled only and remains active in ECM. TI
recommends selecting the desired delay time before power-on and not dynamically alter this selection.
See Calibration Feature for more information.
7.5.1.1.6
Power-Down I-Channel Pin (PDI)
The Power-Down I-channel (PDI) Pin selects whether the I-channel is powered down (logic-high) or active (logic-
low). The digital data output pins, DI and DId, (both positive and negative) are put into a high impedance state
when the I-channel is powered down. Upon return to the active state, the pipeline will contain meaningless
information and must be flushed. The supply currents (typicals and limits) are available for the I-channel powered
down or active and may be found in Electrical Characteristics: Power Supply. The device should be recalibrated
following a power-cycle of PDI (or PDQ).
Copyright © 2010–2015, Texas Instruments Incorporated
Submit Documentation Feedback
49
Product Folder Links: ADC12D1000 ADC12D1600


Similar Part No. - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000/1600CIUT NSC-ADC12D1000/1600CIUT Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000/1600RB NSC-ADC12D1000/1600RB Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
More results

Similar Description - ADC12D1000_15

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
ADC12D1000 NSC-ADC12D1000 Datasheet
1Mb / 14P
   12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
Texas Instruments
ADC12D1800 TI1-ADC12D1800 Datasheet
2Mb / 84P
[Old version datasheet]   12-Bit, Single 3.6 GSPS Ultra High-Speed ADC
ADC12D1600CIUT TI-ADC12D1600CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
ADC12D1000CIUT TI-ADC12D1000CIUT Datasheet
1Mb / 73P
[Old version datasheet]   ADC12D1000/ADC12D1600 12-Bit, 2.0/3.2 GSPS Ultra High-Speed ADC
logo
ATMEL Corporation
TS83102G0B ATMEL-TS83102G0B Datasheet
1Mb / 56P
   10-bit 2 Gsps ADC
TS8388B ATMEL-TS8388B Datasheet
1Mb / 57P
   ADC 8-bit 1 GSPS
logo
Texas Instruments
ADC12D1000RF TI1-ADC12D1000RF_15 Datasheet
3Mb / 84P
[Old version datasheet]   12-Bit, 3.2-GSPS and 2-GSPS RF-Sampling ADC
logo
ATMEL Corporation
AT84AD001B ATMEL-AT84AD001B Datasheet
1Mb / 60P
   Dual 8-bit 1 Gsps ADC
logo
National Semiconductor ...
ADC12D1800 NSC-ADC12D1800 Datasheet
1Mb / 14P
   12-Bit, Single 3.6 GSPS ADC
logo
List of Unclassifed Man...
AT84AD001CVEPW ETC-AT84AD001CVEPW Datasheet
873Kb / 64P
   Dual 8-bit 1 Gsps ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com