Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS82C Datasheet(PDF) 4 Page - Infineon Technologies AG

Part # BSS82C
Description  PNP Silicon Switching Transistors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS82C Datasheet(HTML) 4 Page - Infineon Technologies AG

  BSS82C Datasheet HTML 1Page - Infineon Technologies AG BSS82C Datasheet HTML 2Page - Infineon Technologies AG BSS82C Datasheet HTML 3Page - Infineon Technologies AG BSS82C Datasheet HTML 4Page - Infineon Technologies AG BSS82C Datasheet HTML 5Page - Infineon Technologies AG BSS82C Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
BSS80, BSS82
4
Nov-30-2001
Collector-base capacitance CCB = f (VCB)
f = 1MHz
EHP00680
BSS 80/82
10
pF
10
10
V
C
CB
10
5
10
cb
55
5
-1
0
1
2
10
2
1
10
0
5
V
Total power dissipation Ptot = f(TS)
0
15
30
45
60
75
90
105 120 °C 150
TS
0
30
60
90
120
150
180
210
240
270
300
mW
360
Transition frequency fT = f (IC)
VCE = 20V
EHP00682
BSS 80/82
10
MHz
10
10
mA
f
C
10
5
10
T
55
5
Ι
01
2
3
10
3
2
10
1
5
Permissible pulse load
Ptotmax / PtotDC = f (tp)
10
EHP00681
BSS 80/82
-6
0
10
5
D =
5
10
1
5
10
2
3
10
10
-5
10
-4
10
-3
10
-2
10
0
s
0
0.005
0.01
0.02
0.05
0.1
0.2
0.5
tot max
tot
P
DC
P
p
t
t p
=
D
T
t p
T


Similar Part No. - BSS82C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BSS82C SIEMENS-BSS82C Datasheet
179Kb / 6P
   PNP Silicon Switching Transistors (High DC current gain Low collector-emitter saturation voltage)
logo
Zetex Semiconductors
BSS82C ZETEX-BSS82C Datasheet
30Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Guangdong Kexin Industr...
BSS82C KEXIN-BSS82C Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Zetex Semiconductors
BSS82C-CM ZETEX-BSS82C-CM Datasheet
30Kb / 1P
   SOT23 PNP SILICON PLANAR SWITCHING TRANSISTORS
More results

Similar Description - BSS82C

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
SMBT2907 SIEMENS-SMBT2907 Datasheet
178Kb / 6P
   PNP Silicon Switching Transistors
PZT2907 SIEMENS-PZT2907 Datasheet
127Kb / 6P
   PNP Silicon Switching Transistors
logo
STMicroelectronics
2N6107 STMICROELECTRONICS-2N6107 Datasheet
69Kb / 4P
   SILICON PNP SWITCHING TRANSISTORS
June 1997
logo
Boca Semiconductor Corp...
2N5322 BOCA-2N5322 Datasheet
77Kb / 2P
   SWITCHING TRANSISTORS (PNP SILICON)
logo
Guangdong Kexin Industr...
BSS80 KEXIN-BSS80 Datasheet
41Kb / 2P
   PNP Silicon Switching Transistors
logo
Infineon Technologies A...
SMBT3906E6327 INFINEON-SMBT3906E6327 Datasheet
892Kb / 12P
   PNP Silicon Switching Transistors
2012-08-21
logo
Continental Device Indi...
2N3250 CDIL-2N3250 Datasheet
214Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2906 CDIL-2N2906 Datasheet
147Kb / 4P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
2N2904A CDIL-2N2904A Datasheet
151Kb / 3P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
logo
Boca Semiconductor Corp...
2N2906A BOCA-2N2906A Datasheet
44Kb / 2P
   PNP SILICON PLANAR SWITCHING TRANSISTORS
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com