Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STH290N4F6-6AG Datasheet(PDF) 1 Page - STMicroelectronics

Part # STH290N4F6-6AG
Description  High avalanche ruggedness
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STH290N4F6-6AG Datasheet(HTML) 1 Page - STMicroelectronics

  STH290N4F6-6AG Datasheet HTML 1Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 2Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 3Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 4Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 5Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 6Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 7Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 8Page - STMicroelectronics STH290N4F6-6AG Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
July 2015
DocID027971 Rev 1
1/19
This is information on a product in full production.
www.st.com
STH290N4F6-2AG,
STH290N4F6-6AG
Automotive-grade N-
channel 40 V, 1.3 mΩ typ., 180 A STripFET™ F6
Power MOSFETs in H²PAK-2 and H²PAK-6 packages
Datasheet - production data
Figure 1: Internal schematic diagram
Features
Order code
VDS
RDS(on)
max.
ID
PTOT
STH290N4F6-2AG
40 V
1.7 mΩ
180 A
300 W
STH290N4F6-6AG
Designed for automotive applications and
AEC-Q101 qualified
Very low on-resistance
Very low gate charge
High avalanche ruggedness
Low gate drive power loss
Applications
Switching applications
Description
This device is an N-channel Power MOSFET
developed using the STripFET™ F6 technology
with a new trench gate structure. The resulting
Power MOSFET exhibits very low RDS(on) in all
packages.
Table 1: Device summary
Order code
Marking
Package
Packing
STH290N4F6-2AG
290N4F6
H²PAK-2
Tape and Reel
STH290N4F6-6AG
H²PAK-6


Similar Part No. - STH290N4F6-6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STH200N10WF7-2 STMICROELECTRONICS-STH200N10WF7-2 Datasheet
377Kb / 14P
   N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET N-channel 100 V, 3.2 mΩ typ., 180 A, STripFET F7 Power MOSFET
Rev 4 - July 2022
STH200N55F3-2 STMICROELECTRONICS-STH200N55F3-2 Datasheet
483Kb / 11P
   N-channel 55 V, 1.8 mΩ, 160 A, H2PAK STripFET™ III Power MOSFET
July 2009
STH210N75F6-2 STMICROELECTRONICS-STH210N75F6-2 Datasheet
905Kb / 16P
   High avalanche ruggedness
July 2012 Rev 2
STH22N95K5-2AG STMICROELECTRONICS-STH22N95K5-2AG Datasheet
679Kb / 16P
   Automotive N-channel 950 V, 0.280 廓 typ., 17.5 A MDmesh??K5 Power MOSFET in an H짼PAK-2 package
Rev 3 - March 2019
STH240N10F7-2 STMICROELECTRONICS-STH240N10F7-2 Datasheet
774Kb / 17P
   Ultra low on-resistance
July 2014 Rev 2
More results

Similar Description - STH290N4F6-6AG

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STL86N3LLH6AG STMICROELECTRONICS-STL86N3LLH6AG Datasheet
1,009Kb / 16P
   High avalanche ruggedness
February 2015 Rev 3
STL220N6F7 STMICROELECTRONICS-STL220N6F7 Datasheet
744Kb / 13P
   High avalanche ruggedness
STL8N6F7 STMICROELECTRONICS-STL8N6F7 Datasheet
893Kb / 12P
   High avalanche ruggedness
August 2015 Rev 1
STS30N3LLH6 STMICROELECTRONICS-STS30N3LLH6 Datasheet
776Kb / 13P
   High avalanche ruggedness
July 2009 Rev 2
STH170N8F7-2 STMICROELECTRONICS-STH170N8F7-2 Datasheet
823Kb / 15P
   High avalanche ruggedness
STS7P4LLF6 STMICROELECTRONICS-STS7P4LLF6 Datasheet
396Kb / 13P
   High avalanche ruggedness
STL4P3LLH6 STMICROELECTRONICS-STL4P3LLH6 Datasheet
766Kb / 13P
   High avalanche ruggedness
December 2014 Rev 2
STL30P3LLH6 STMICROELECTRONICS-STL30P3LLH6 Datasheet
1Mb / 15P
   High avalanche ruggedness
January 2014 Rev 3
STL110NS3LLH7 STMICROELECTRONICS-STL110NS3LLH7 Datasheet
701Kb / 14P
   High avalanche ruggedness
April 2015 Rev 4
STL140N4F7AG STMICROELECTRONICS-STL140N4F7AG Datasheet
927Kb / 14P
   High avalanche ruggedness
February 2017 Rev 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com