Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STGIPN3H60AT Datasheet(PDF) 3 Page - STMicroelectronics

Part # STGIPN3H60AT
Description  SLLIMM??nano (small low-loss intelligent molded module) IPM, 3 A - 600 V 3-phase IGBT inverter bridge
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STGIPN3H60AT Datasheet(HTML) 3 Page - STMicroelectronics

  STGIPN3H60AT Datasheet HTML 1Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 2Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 3Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 4Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 5Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 6Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 7Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 8Page - STMicroelectronics STGIPN3H60AT Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 19 page
background image
DocID026945 Rev 1
3/19
STGIPN3H60AT
Internal schematic diagram and pin configuration
19
1
Internal schematic diagram and pin configuration
Figure 1. Internal schematic diagram


Similar Part No. - STGIPN3H60AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
   SLLIMM??nano (small low-loss intelligent molded module) IPM
More results

Similar Description - STGIPN3H60AT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STGIPN3HD60-H STMICROELECTRONICS-STGIPN3HD60-H Datasheet
1Mb / 21P
   SLLIMM-nano IPM, 3 A, 600 V 3-phase inverter bridge IGBT
DS11784 - Rev 3 - January 2020
STGIPS30C60-H STMICROELECTRONICS-STGIPS30C60-H Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM 3-phase inverter - 30 A
STGIPNS3H60T-H STMICROELECTRONICS-STGIPNS3H60T-H Datasheet
1Mb / 23P
   SLLIMM-nano IPM, 3 A, 600 V, 3-phase inverter IGBT
October 2019 Rev 4
STGIPS30C60T-H STMICROELECTRONICS-STGIPS30C60T-H Datasheet
712Kb / 19P
   SLLIMM??small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
April 2015 Rev 3
STGIPS10K60T STMICROELECTRONICS-STGIPS10K60T Datasheet
934Kb / 20P
   SLLIMM (small low-loss intelligent molded module) IPM, 3-phase inverter - 10 A, 600 V short-circuit rugged IGBT
STGIPL20K60 STMICROELECTRONICS-STGIPL20K60 Datasheet
705Kb / 24P
   SLLIMM??(small low-loss intelligent molded module) IPM, 3-phase inverter - 20 A, 600 V short-circuit rugged IGBT
STGIPS30C60 STMICROELECTRONICS-STGIPS30C60 Datasheet
1Mb / 21P
   SLLIMM small low-loss intelligent molded module IPM, 3-phase inverter - 30 A, 600 V short-circuit rugged IGBT
STGIPQ3H60T-HLS STMICROELECTRONICS-STGIPQ3H60T-HLS Datasheet
1Mb / 26P
   SLLIMM-nano, 2nd series IPM, 3 A, 600 V, 3-phase inverter bridge IGBT
September 2022 Rev 5
STGIPN3H60A STMICROELECTRONICS-STGIPN3H60A Datasheet
447Kb / 17P
   SLLIMM??nano (small low-loss intelligent molded module) IPM
STGIPN3H60 STMICROELECTRONICS-STGIPN3H60 Datasheet
550Kb / 21P
   SLLIMM??nano (small low-loss intelligent molded module)IPM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com