Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BSS83P Datasheet(PDF) 2 Page - Infineon Technologies AG

Part # BSS83P
Description  SIPMOS Small-Signal-Transistor
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSS83P Datasheet(HTML) 2 Page - Infineon Technologies AG

  BSS83P Datasheet HTML 1Page - Infineon Technologies AG BSS83P Datasheet HTML 2Page - Infineon Technologies AG BSS83P Datasheet HTML 3Page - Infineon Technologies AG BSS83P Datasheet HTML 4Page - Infineon Technologies AG BSS83P Datasheet HTML 5Page - Infineon Technologies AG BSS83P Datasheet HTML 6Page - Infineon Technologies AG BSS83P Datasheet HTML 7Page - Infineon Technologies AG BSS83P Datasheet HTML 8Page - Infineon Technologies AG BSS83P Datasheet HTML 9Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 9 page
background image
2003-06-23
Page 2
BSS 83 P
Rev. 1.0
Thermal Characteristics
Parameter
Symbol
Unit
Values
min.
max.
typ.
Characteristics
Thermal resistance, junction - soldering point
( Pin 3 )
150
K/W
-
RthJS
-
SMD version, device on PCB:
@ min. footprint
@ 6 cm2 cooling area 1)
RthJA
-
-
-
-
350
300
Electrical Characteristics, at
Tj = 25 °C, unless otherwise specified
Parameter
Symbol
Values
Unit
min.
typ.
max.
Static Characteristics
Drain- source breakdown voltage
VGS = 0 V, ID = -250 µA
V(BR)DSS
-60
-
V
-
Gate threshold voltage,
VGS = VDS
ID = -80 µA
-1
-1.5
-2
VGS(th)
Zero gate voltage drain current
VDS = -60 V, VGS = 0 V, Tj = 25 °C
VDS = -60 V, VGS = 0 V, Tj = 125 °C
µA
-1
-100
IDSS
-0.1
-10
-
-
IGSS
-
-10
-100
Gate-source leakage current
VGS = -20 V, VDS = 0 V
nA
Drain-source on-state resistance
VGS = -4.5 V, ID = -0.27 A
RDS(on)
-
2
3
W
Drain-source on-state resistance
VGS = -10 V, ID = -0.33 A
RDS(on)
-
1.4
2
1Device on 40mm*40mm*1.5mm epoxy PCB FR4 with 6cm2 (one layer, 70 µm thick) copper area for drain
connection. PCB is vertical without blown air.


Similar Part No. - BSS83P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSS83P INFINEON-BSS83P Datasheet
3Mb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
BSS83P INFINEON-BSS83P Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
logo
TECH PUBLIC Electronics...
BSS83P TECHPUBLIC-BSS83P Datasheet
2Mb / 5P
   1.7Q ,60V P-Channel MOSFET
logo
Infineon Technologies A...
BSS83PH6327XTSA1 INFINEON-BSS83PH6327XTSA1 Datasheet
351Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.5 2012-03-30
BSS83P INFINEON-BSS83P_06 Datasheet
3Mb / 9P
   SIPMOS Small-Signal-Transistor
Rev. 1.2 2006-12-05
More results

Similar Description - BSS83P

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BSO-302SN INFINEON-BSO-302SN Datasheet
377Kb / 8P
   SIPMOS Small-Signal-Transistor
05.99
SPP15P06P INFINEON-SPP15P06P Datasheet
112Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.2 2005-02-11
BSS87 INFINEON-BSS87 Datasheet
189Kb / 8P
   SIPMOS Small-Signal-Transistor
Rev 1.3 2006-12-05
BSP88 INFINEON-BSP88 Datasheet
188Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-11-12
BSP92P INFINEON-BSP92P Datasheet
78Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-25
BSP170P INFINEON-BSP170P Datasheet
82Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-01-16
SPP15P10P INFINEON-SPP15P10P Datasheet
83Kb / 8P
   SIPMOS Small-Signal-Transistor
2002-07-26
BSS98 INFINEON-BSS98 Datasheet
108Kb / 7P
   SIPMOS Small-Signal Transistor
05.99
BSP298 INFINEON-BSP298_07 Datasheet
3Mb / 9P
   SIPMOS Small-Signal Transistor
2007-02-26
BSO304SN INFINEON-BSO304SN Datasheet
367Kb / 8P
   SIPMOS??Small-Signal-Transistor
05.99
BSP171P-L6327 INFINEON-BSP171P-L6327 Datasheet
621Kb / 9P
   SIPMOS Small-Signal-Transistor
Rev 2.6 2012-11-26
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com