Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STF43N60DM2 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STF43N60DM2
Description  N-channel 600 V, 0.085typ., 34 A MDmesh??DM2 Power MOSFET in a TO-220FP package
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STF43N60DM2 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STF43N60DM2 Datasheet HTML 5Page - STMicroelectronics STF43N60DM2 Datasheet HTML 6Page - STMicroelectronics STF43N60DM2 Datasheet HTML 7Page - STMicroelectronics STF43N60DM2 Datasheet HTML 8Page - STMicroelectronics STF43N60DM2 Datasheet HTML 9Page - STMicroelectronics STF43N60DM2 Datasheet HTML 10Page - STMicroelectronics STF43N60DM2 Datasheet HTML 11Page - STMicroelectronics STF43N60DM2 Datasheet HTML 12Page - STMicroelectronics STF43N60DM2 Datasheet HTML 13Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 13 page
background image
STF43N60DM2
Package information
DocID026789 Rev 2
11/13
Table 9: TO-220FP package mechanical data
Dim.
mm
Min.
Typ.
Max.
A
4.4
4.6
B
2.5
2.7
D
2.5
2.75
E
0.45
0.7
F
0.75
1
F1
1.15
1.70
F2
1.15
1.70
G
4.95
5.2
G1
2.4
2.7
H
10
10.4
L2
16
L3
28.6
30.6
L4
9.8
10.6
L5
2.9
3.6
L6
15.9
16.4
L7
9
9.3
Dia
3
3.2


Similar Part No. - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
Sangdest Microelectroni...
STF40100C SMC-STF40100C Datasheet
93Kb / 5P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF40100C SMCDIODE-STF40100C Datasheet
253Kb / 4P
   SCHOTTKY RECTIFIER
Rev. E
logo
Sangdest Microelectroni...
STF40120C SMC-STF40120C Datasheet
84Kb / 4P
   SCHOTTKY RECTIFIER
logo
SMC Diode Solutions Co....
STF40120C SMCDIODE-STF40120C Datasheet
254Kb / 4P
   SCHOTTKY RECTIFIER
Rev. C
STF40120CR SMCDIODE-STF40120CR Datasheet
254Kb / 4P
   SCHOTTKY RECTIFIER
Rev. C
More results

Similar Description - STF43N60DM2

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STB43N60DM2 STMICROELECTRONICS-STB43N60DM2 Datasheet
544Kb / 15P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a D짼PAK package
July 2015 Rev 1
STW43N60DM2 STMICROELECTRONICS-STW43N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 2
STW45N60DM2AG STMICROELECTRONICS-STW45N60DM2AG Datasheet
399Kb / 12P
   Automotive-grade N-channel 600 V, 0.085 廓 typ., 34 A MDmesh??DM2 Power MOSFET in a TO-247 package
July 2015 Rev 1
STF28N60DM2 STMICROELECTRONICS-STF28N60DM2 Datasheet
717Kb / 12P
   N-channel 600 V, 0.13 廓 typ., 21 A MDmesh??DM2 Power MOSFET in a TO-220FP package
October 2015 Rev 2
STF18N60DM2 STMICROELECTRONICS-STF18N60DM2 Datasheet
456Kb / 12P
   N-channel 600 V, 0.260 typ., 12 A MDmesh DM2 Power MOSFET in a TO-220FP package
June 2019 Rev 5
STF11N60DM2 STMICROELECTRONICS-STF11N60DM2 Datasheet
713Kb / 12P
   N-channel 600 V, 0.370 (ohm) typ., 10 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF13N60DM2 STMICROELECTRONICS-STF13N60DM2 Datasheet
719Kb / 13P
   N-channel 600 V, 0.310 (ohm) typ., 11 A MDmesh DM2 Power MOSFET in a TO-220FP package
STF6N60DM2 STMICROELECTRONICS-STF6N60DM2 Datasheet
298Kb / 12P
   N-channel 600 V, 0.95 typ., 5 A MDmesh™ DM2 Power MOSFET in a TO-220FP package
March 2020 Rev 3
STF10N60DM2 STMICROELECTRONICS-STF10N60DM2 Datasheet
711Kb / 12P
   N-channel 600 V, 0.440 (ohm) typ., 8 A MDmesh DM2 Power MOSFET in a TO-220FP package
STW56N60DM2 STMICROELECTRONICS-STW56N60DM2 Datasheet
405Kb / 12P
   N-channel 600 V, 0.052 廓 typ., 50 A MDmesh??DM2 Power MOSFET in a TO-247 package
June 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com