Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

STD46N6F7 Datasheet(PDF) 11 Page - STMicroelectronics

Part # STD46N6F7
Description  N-channel 60 V, 0.012typ., 15 A STripFET??F7 Power MOSFET in a DPAK package
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STD46N6F7 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button STD46N6F7 Datasheet HTML 6Page - STMicroelectronics STD46N6F7 Datasheet HTML 7Page - STMicroelectronics STD46N6F7 Datasheet HTML 8Page - STMicroelectronics STD46N6F7 Datasheet HTML 9Page - STMicroelectronics STD46N6F7 Datasheet HTML 10Page - STMicroelectronics STD46N6F7 Datasheet HTML 11Page - STMicroelectronics STD46N6F7 Datasheet HTML 12Page - STMicroelectronics STD46N6F7 Datasheet HTML 13Page - STMicroelectronics STD46N6F7 Datasheet HTML 14Page - STMicroelectronics  
Zoom Inzoom in Zoom Outzoom out
 11 / 14 page
background image
STD46N6F7
Package information
DocID028323 Rev 2
11/14
4.2
Packing information
Figure 21: DPAK (TO-252) tape outline


Similar Part No. - STD46N6F7

ManufacturerPart #DatasheetDescription
logo
Visual Communications C...
STD460BLK VCC-STD460BLK Datasheet
67Kb / 1P
   STD
logo
STMicroelectronics
STD46P4LLF6 STMICROELECTRONICS-STD46P4LLF6 Datasheet
899Kb / 16P
   P-channel 40 V, 0.0125 廓 typ., StripFET??F6 Power MOSFET in a DPAK package
ecember 2014 Rev 3
More results

Similar Description - STD46N6F7

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STD30N10F7 STMICROELECTRONICS-STD30N10F7 Datasheet
1Mb / 16P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a DPAK package
January 2016 Rev 3
STD140N6F7 STMICROELECTRONICS-STD140N6F7 Datasheet
678Kb / 13P
   N-channel 60 V, 3.1 m(ohm) typ., 80 A STripFET F7 Power MOSFET in a DPAK package
STL90N6F7 STMICROELECTRONICS-STL90N6F7 Datasheet
373Kb / 13P
   N-channel 60 V, 0.0046 廓 typ., 90 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
June 2015 Rev 2
STL140N6F7 STMICROELECTRONICS-STL140N6F7 Datasheet
944Kb / 13P
   N-channel 60 V, 2.4 m廓 typ., 140 A STripFET??F7 Power MOSFET in a PowerFLAT??5x6 package
April 2017 Rev 5
STD47N10F7AG STMICROELECTRONICS-STD47N10F7AG Datasheet
801Kb / 16P
   Automotive-grade N-channel 100 V, 12.5 m廓 typ., 45 A, STripFET??F7 Power MOSFET in a DPAK package
February 2017 Rev 3
STD35P6LLF6 STMICROELECTRONICS-STD35P6LLF6 Datasheet
754Kb / 16P
   P-channel 60 V, 0.025 廓 typ., 35 A STripFET??F6 Power MOSFET in a DPAK package
April 2017 Rev 3
STB100N6F7 STMICROELECTRONICS-STB100N6F7 Datasheet
555Kb / 15P
   N-channel 60 V, 4.7 m??typ.,100 A STripFET??F7 Power MOSFET in a D짼PAK package
January 2015 Rev 2
STF100N6F7 STMICROELECTRONICS-STF100N6F7 Datasheet
419Kb / 13P
   N-channel 60 V, 4.6 m??typ., 46 A STripFET??F7 Power MOSFET in a TO-220FP package
February 2015 Rev 3
STF150N10F7 STMICROELECTRONICS-STF150N10F7 Datasheet
782Kb / 13P
   N-channel 100 V, 0.0036 廓 typ., 65 A, STripFET??F7 Power MOSFET in a TO-220FP package
August 2014 Rev 2
STP30N10F7 STMICROELECTRONICS-STP30N10F7 Datasheet
1Mb / 13P
   N-channel 100 V, 0.02 廓 typ., 32 A STripFET??F7 Power MOSFET in a TO-220 package
February 2016 Rev 1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com