Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACTQ657 Datasheet(PDF) 2 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACTQ657
Description  Quiet Series Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ657 Datasheet(HTML) 2 Page - National Semiconductor (TI)

  54ACTQ657 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ657 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
Connection Diagrams
Pin Names
Description
A
0–A7
Data Inputs/TRI-STATE Outputs
B
0–B7
Data Inputs/TRI-STATE Outputs
T/R
Transmit/Receive Input
OE
Enable Input
PARITY
Parity Input/TRI-STATE Output
ODD/EVEN
ODD/EVEN Parity Input
ERROR
Error TRI-STATE Output
Pin Assignment
for DIP and Flatpak
DS100244-2
Pin Assignment
for LCC
DS100244-3
www.national.com
2


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page

Related Electronics Part Number

Part No.DescriptionHtml ViewManufacturer
74ACQ657 Quiet Series™ Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
74F657 Octal Bidirectional Transceiver with 8-Bit Parity Generator/Checker and 3-STATE Outputs 1  2  3  4  5  More Fairchild Semiconductor
54ACQ245 Quiet Series Octal Bidirectional Transceiver with TRI-STATE Inputs/Outputs 1  2  3  4  5  More National Semiconductor (TI)
54ACTQ543 Quiet Series Octal Registered Transceiver with TRI-STATE Outputs 1  2  3  4  5  More National Semiconductor (TI)
54ACTQ544 Quiet Series Octal Registered Transceiver with TRI-STATE Outputs 1  2  3  4  5  More National Semiconductor (TI)
74LVT2245 Low Voltage Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs and 25Ω Series Resistors in the B Port Outputs 1  2  3  4  5  More Fairchild Semiconductor
74ALVC2245 Low Voltage Bidirectional Transceiver with 3.6V Tolerant Inputs and Outputs and 26Ω Series Resistors in B Outputs 1  2  3  4  5  More Fairchild Semiconductor
54FCT245 Octal Bidirectional Transceiver with TRI-STATE Outputs 1  2  3  4  5  More National Semiconductor (TI)
74ACQ245 Quiet Series™ Octal Bidirectional Transceiver with 3-STATE Inputs/Outputs 1  2  3  4  5  More Fairchild Semiconductor
74LCXR162245 Low Voltage 16-Bit Bidirectional Transceiver with 5V Tolerant Inputs/Outputs and 26W Series Resistors in the Outputs 1  2  3  4  5  More Fairchild Semiconductor

Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn