Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

M37733EHL Datasheet(PDF) 22 Page - Mitsubishi Electric Semiconductor

Part # M37733EHL
Description  PROM VERSION OF M37733MHLXXXHP(MICROCOMPUTERS)
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MITSUBISHI [Mitsubishi Electric Semiconductor]
Direct Link  http://www.mitsubishichips.com
Logo MITSUBISHI - Mitsubishi Electric Semiconductor

M37733EHL Datasheet(HTML) 22 Page - Mitsubishi Electric Semiconductor

Back Button M37733EHL Datasheet HTML 18Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 19Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 20Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 21Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 22Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 23Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 24Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 25Page - Mitsubishi Electric Semiconductor M37733EHL Datasheet HTML 26Page - Mitsubishi Electric Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 35 page
background image
PRELIMINARY
Notice:
This
is not
a final
specification.
Some
parametric
limits
are
subject
to change.
22
MITSUBISHI MICROCOMPUTERS
M37733EHLXXXHP
PROM VERSION OF M37733MHLXXXHP
Symbol
Parameter
td(E–DQ)
th(E–DQ)
Address output delay time
Address output delay time
Address hold time
ALE pulse width
Address output setup time
Address hold time
ALE output delay time
Memory expansion mode and microprocessor mode
(VCC = 2.7 – 5.5 V, VSS = 0 V, Ta = –40 to +85°C, f(XIN) = 12 MHz (Note 1), unless otherwise noted)
Limits
Wait mode
Min.
Max.
Test
conditions
Unit
90
10
20
182
20
162
40
40
123
10
93
9
40
4
40
40
131
298
53
20
182
20
182
33
33
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
ns
td(An–E)
td(A–E)
td(ALE–E)
th(E–An)
tw(ALE)
tsu(A–ALE)
th(ALE–A)
tw(EL)
Data output delay time
Data hold time
_
E
pulse width
Floating start delay time
Floating release delay time
___
BHE
output delay time
_
R/ W output delay time
___
BHE
hold time
_
R/ W hold time
Fig. 6
(Note 2)
φ1 output delay time
tpxz(E–DZ)
tpzx(E–DZ)
td(BHE–E)
td(R/W–E)
th(E–BHE)
th(E–R/W)
td(E–
φ 1)
td(
φ1–HLDA)
____
HLDA
output delay time
030
120
Notes 1. This applies when the main clock division selection bit = “0” and f(f2) = 6 MHz.
2. No wait : Wait bit = “1”.
Wait 1 : The external memory area is accessed with wait bit = “0” and wait selection bit = “1”.
Wait 0 : The external memory area is accessed with wait bit = “0” and wait selection bit = “0”.
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0
No wait
Wait 1
Wait 0


Similar Part No. - M37733EHL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
More results

Similar Description - M37733EHL

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
M37733EHLXXXHP RENESAS-M37733EHLXXXHP Datasheet
652Kb / 36P
   PROM VERSION OF M37733MHLXXXHP
logo
Mitsubishi Electric Sem...
M37736EHLXXXHP MITSUBISHI-M37736EHLXXXHP Datasheet
448Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
M37733EHB MITSUBISHI-M37733EHB Datasheet
600Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37733EHBXXXFP MITSUBISHI-M37733EHBXXXFP Datasheet
409Kb / 34P
   PROM VERSION OF M37733MHBXXXFP(MICROCOMPUTERS)
M37736EHBXXXGP MITSUBISHI-M37736EHBXXXGP Datasheet
406Kb / 33P
   PROM VERSION OF M37736MHBXXXGP(MICROCOMPUTERS)
M37736EHL MITSUBISHI-M37736EHL Datasheet
447Kb / 36P
   PROM VERSION OF M37736MHLXXXHP(MICROCOMPUTERS)
logo
Renesas Technology Corp
M37735EHBXXXFP RENESAS-M37735EHBXXXFP Datasheet
551Kb / 35P
   PROM VERSION OF M37735MHBXXXFP
logo
Mitsubishi Electric Sem...
M37735EHBXXXFP MITSUBISHI-M37735EHBXXXFP Datasheet
392Kb / 34P
   PROM VERSION OF M37735EHBXXXFP
M37735EHL MITSUBISHI-M37735EHL Datasheet
672Kb / 34P
   PROM VERSION OF M37735MHLXXXHP
logo
Renesas Technology Corp
M37733EHBXXXFP RENESAS-M37733EHBXXXFP Datasheet
566Kb / 35P
   PROM VERSION OF M37733MHBXXXFP
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com