Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LQW15AN9N7J8ZD Datasheet(PDF) 1 Page - Murata Manufacturing Co., Ltd.

Part # LQW15AN9N7J8ZD
Description  Inductance
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MURATA [Murata Manufacturing Co., Ltd.]
Direct Link  http://www.murata.com
Logo MURATA - Murata Manufacturing Co., Ltd.

LQW15AN9N7J8ZD Datasheet(HTML) 1 Page - Murata Manufacturing Co., Ltd.

  LQW15AN9N7J8ZD Datasheet HTML 1Page - Murata Manufacturing Co., Ltd. LQW15AN9N7J8ZD Datasheet HTML 2Page - Murata Manufacturing Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LQW15AN9N7J8Z#
# indicates a package specification code.
< List of part numbers with package codes >
LQW15AN9N7J8ZD , LQW15AN9N7J8ZB
Shape
L size
1.0 ±0.1mm
W size
0.6 ±0.1mm
T size
0.5 ±0.1mm
Size code in inch (mm)
0402 (1005)
Specifications
Inductance
9.7nH ±5%
Inductance test frequency
100MHz
Rated current (Itemp) (Based on Temperature rise)
1400mA
Max. of DC resistance
0.081Ω
Q (min.)
33
Q test frequency
250MHz
Self resonance frequency (min.)
6GHz
Operating temperature range (Self-temperature rise is not included)
-55∼125℃
Notes
In operating temperature exceeding +85℃, derating of current is necessary for
LQW15A_80 series.
Please apply the derating curve shown in chart according to the operating
temperature.
Please confirm the below "Notice (Rating)".
References
Packaging
code
Specifications
Minimum quantity
φ180mm Paper taping
10000
Packing in bulk
500
Mass (Typ.)
1 piece
0.0009g
1 of 2
1.This datasheet is downloaded from the website of Murata Manufacturing Co., Ltd. Therefore, its specifications are subject to change or our products in it may be discontinued
without advance notice. Please check with our sales representatives or product engineers before ordering.
2.This datasheet has only typical specifications because there is no space for detailed specifications.
Therefore, please review our product specifications or consult the approval sheet for product specifications before ordering.
URL : http://www.murata.com/
Last updated: 2016/01/11


Similar Part No. - LQW15AN9N7J8ZD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQW15AN9N7J80 MURATA-LQW15AN9N7J80 Datasheet
182Kb / 7P
   Inductance
LQW15AN9N7J80 MURATA-LQW15AN9N7J80 Datasheet
80Kb / 2P
   Inductance
LQW15AN9N7J80B MURATA-LQW15AN9N7J80B Datasheet
80Kb / 2P
   Inductance
LQW15AN9N7J80D MURATA-LQW15AN9N7J80D Datasheet
80Kb / 2P
   Inductance
More results

Similar Description - LQW15AN9N7J8ZD

ManufacturerPart #DatasheetDescription
logo
Murata Manufacturing Co...
LQP02TN27NJ02 MURATA-LQP02TN27NJ02 Datasheet
68Kb / 2P
   Inductance
LQP02TN1N8B02 MURATA-LQP02TN1N8B02 Datasheet
68Kb / 2P
   Inductance
LQP03TG27NJ02 MURATA-LQP03TG27NJ02 Datasheet
72Kb / 2P
   Inductance
LQP03TG22NH02 MURATA-LQP03TG22NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG15NH02 MURATA-LQP03TG15NH02 Datasheet
73Kb / 2P
   Inductance
LQP03TG2N1B02 MURATA-LQP03TG2N1B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG1N0B02 MURATA-LQP03TG1N0B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N7B02 MURATA-LQP03TG0N7B02 Datasheet
72Kb / 2P
   Inductance
LQP03TG0N5B02 MURATA-LQP03TG0N5B02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4C02 MURATA-LQP03TG0N4C02 Datasheet
71Kb / 2P
   Inductance
LQP03TG0N4B02 MURATA-LQP03TG0N4B02 Datasheet
72Kb / 2P
   Inductance
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com