Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

RPC56EL60L5 Datasheet(PDF) 74 Page - STMicroelectronics

Part # RPC56EL60L5
Description  microcontroller for Aerospace and Defense, SIL3/ASILD safety applications
Download  137 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RPC56EL60L5 Datasheet(HTML) 74 Page - STMicroelectronics

Back Button RPC56EL60L5 Datasheet HTML 70Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 71Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 72Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 73Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 74Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 75Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 76Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 77Page - STMicroelectronics RPC56EL60L5 Datasheet HTML 78Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 137 page
background image
Package pinouts and signal descriptions
RPC56EL60L5
74/137
DocID026934 Rev 1
D[1]
PCR[49
]
SIUL
GPIO[49]
ALT0
GPIO[49]
—M
S
3
E3
eTimer_1
ETC[2]
ALT2
ETC[2]
PSMI[11];
PADSEL=
2
CTU_0
EXT_TGR
ALT3
FlexRay
CA_RX
D[2]
PCR[50
]
SIUL
GPIO[50]
ALT0
GPIO[50]
—M
S
140 C5
eTimer_1
ETC[3]
ALT2
ETC[3]
PSMI[12];
PADSEL=
1
FlexPWM_0
X[3]
ALT3
X[3]
PSMI[30];
PADSEL=
0
FlexRay
CB_RX
D[3]
PCR[51
]
SIUL
GPIO[51]
ALT0
GPIO[51]
SY
M
S128
A7
FlexRay
CB_TX
ALT1
eTimer_1
ETC[4]
ALT2
ETC[4]
PSMI[13];
PADSEL=
1
FlexPWM_0
A[3]
ALT3
A[3]
PSMI[23];
PADSEL=
2
D[4]
PCR[52
]
SIUL
GPIO[52]
ALT0
GPIO[52]
SY
M
S129
B7
FlexRay
CB_TR_E
N
ALT1
eTimer_1
ETC[5]
ALT2
ETC[5]
PSMI[14];
PADSEL=
2
FlexPWM_0
B[3]
ALT3
B[3]
PSMI[27];
PADSEL=
2
D[5]
PCR[53
]
SIUL
GPIO[53]
ALT0
GPIO[53]
—M
S
33
N3
DSPI_0
CS3
ALT1
FlexPWM_0
FAULT[2]
PSMI[18];
PADSEL=
0
Table 7. Pin muxing (continued)
Port
name
PCR
Peripheral
Alternate
output
function
Output
mux sel
Input
functions
Input
mux
select
Weak pull
config
during
reset
Pad
speed(1)
Pin #
SR
C
= 1
SR
C
= 0
144
pk
g
257
pk
g


Similar Part No. - RPC56EL60L5

ManufacturerPart #DatasheetDescription
logo
Dubilier
RPC50 DUBILIER-RPC50 Datasheet
266Kb / 3P
   SURFACE MOUNT CHIP RESISTOR
RPC50103F DUBILIER-RPC50103F Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103F DUBILIER-RPC50103F Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
184Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
RPC50103J DUBILIER-RPC50103J Datasheet
266Kb / 3P
   SURFACE MOUNT SURFACE MOUNT CHIP RESISTOR RPC
More results

Similar Description - RPC56EL60L5

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
SPC56EL60L5 STMICROELECTRONICS-SPC56EL60L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
August 2012 Rev 8
SPC564L54L5 STMICROELECTRONICS-SPC564L54L5 Datasheet
1Mb / 160P
   32-bit Power Architecture짰 microcontroller for automotive SIL3/ASILD chassis and safety applications
RTP315N10F7 STMICROELECTRONICS-RTP315N10F7 Datasheet
822Kb / 13P
   Aerospace and defense N-channel 100 V
logo
NXP Semiconductors
MPC5744P NXP-MPC5744P Datasheet
1Mb / 115P
   32-bit MCU suitable for ISO26262 ASILD chassis and safety applications
Rev. 6.1, 11/2017
logo
STMicroelectronics
SPC574S60E3 STMICROELECTRONICS-SPC574S60E3 Datasheet
1Mb / 77P
   32-bit Power Architecture microcontroller for automotive ASILD applications
February 2020 DS10601 Rev 6
logo
Power System Technology
PST08 PST-PST08 Datasheet
232Kb / 4P
   Designed for industrial and defense, naval applications
logo
List of Unclassifed Man...
W58-124-9019910 ETC2-W58-124-9019910 Datasheet
1Mb / 28P
   Aerospace, Broadcast, Computers Systems, Defense Electronics
logo
Vicor Corporation
V48B2C100BL VICOR-V48B2C100BL Datasheet
766Kb / 11P
   Distributed power, medical, ATE, communications, defense, aerospace.
logo
XP Power Limited
MTC35 XPPOWER-MTC35 Datasheet
6Mb / 35P
   COTS Component for Defense & Avionics Applications
logo
Microchip Technology
SAMRH71 MICROCHIP-SAMRH71 Datasheet
10Mb / 1608P
   Rad-Hard 32-bit Arm Cortex-M7 Microcontroller for Aerospace Applications
2021
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com