Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHFLVDS2281 Datasheet(PDF) 3 Page - STMicroelectronics

Part No. RHFLVDS2281
Description  Rad-hard, dual 4x4 crosspoint switch LVDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS2281 Datasheet(HTML) 3 Page - STMicroelectronics

  RHFLVDS2281 Datasheet HTML 1Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 2Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 3Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 4Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 5Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 6Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 7Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 8Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 17 page
background image
DocID027588 Rev 1
3/17
RHFLVDS2281
Functional description
17
1
Functional description
Note:
1
A floating SL pin is equivalent to a low logic level
2
Channels 5, 6, 7, and 8 behave like channels 1, 2, 3 and 4 respectively (see also Figure 2)
Note:
Vid = (VIN+)-(VIN-), L = low level, H = high level, X = don’t care, Z = high impedance
Table 2. Mux truth table
SL1
SL2
SL3
SL4
OUT1
OUT2
OUT3
OUT4
Mode
0000
IN1
IN1
IN3
IN3
Splitter
0001
IN1
IN1
IN3
IN4
Splitter/repeater
0010
IN1
IN1
IN1
IN1
Splitter
0011
IN1
IN1
IN4
IN4
0100
IN1
IN2
IN3
IN3
Splitter/repeater
0101
IN1
IN2
IN3
IN4
Repeater
0110
IN1
IN2
IN4
IN3
Repeater/switch
0111
IN1
IN2
IN4
IN4
Splitter/repeater
1000
IN2
IN2
IN2
IN2
Splitter
1001
IN2
IN1
IN3
IN4
Switch/repeater
1010
IN2
IN1
IN4
IN3
Switch
1011
IN3
IN3
IN3
IN3
Splitter
1100
IN2
IN2
IN3
IN3
1101
IN2
IN2
IN3
IN4
Splitter/repeater
1110
IN4
IN4
IN4
IN4
Splitter
1111
IN2
IN2
IN4
IN4
Table 3. Enable (EN) truth table
EN
Inputs
Outputs
(IN+) - (IN-)
OUT+
OUT-
LX
Z
Z
H or floating
(internal pull-up)
Vid
0.1 V
H
L
Vid
-0.1 V
L
H
-0.1V < Vid < +0.1 V
Unknown
Full fail-safe open/short or
terminated
HL


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn