Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

RHFLVDS2281 Datasheet(PDF) 11 Page - STMicroelectronics

Part No. RHFLVDS2281
Description  Rad-hard, dual 4x4 crosspoint switch LVDS
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

RHFLVDS2281 Datasheet(HTML) 11 Page - STMicroelectronics

Back Button RHFLVDS2281 Datasheet HTML 7Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 8Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 9Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 10Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 11Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 12Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 13Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 14Page - STMicroelectronics RHFLVDS2281 Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 17 page
background image
DocID027588 Rev 1
11/17
RHFLVDS2281
Test circuit
17
5
Test circuit
Figure 3. Voltage and current definition
Figure 4. Timing and voltage definitions for differential output signal
1. All input pulses are supplied by a generator with the following characteristics: tr or tf ≤ 1 ns, 
f = 1 MHz, ZO = 50 Ω, and duty cycle = 50%.
2. The product is guaranteed with CL = 10 pF.
VOD
LVDS
Driver
LVDS
Receiver
OUT+
OUT-
VOS=(VOUT+ + VOUT- )/2
VCM=(VIN+ + VIN-)/2
VID
VIN+
VIN-
IN+
IN-
II
100-ohm
CL=10pF
CL=10pF
VIN+
VIN-
tPHLD
tPLHD
50%
50%
tf
VOD
tr
80%
20%
80%
20%


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn