Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500A Datasheet(PDF) 92 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 92 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 88Page - Microchip Technology LAN9500A Datasheet HTML 89Page - Microchip Technology LAN9500A Datasheet HTML 90Page - Microchip Technology LAN9500A Datasheet HTML 91Page - Microchip Technology LAN9500A Datasheet HTML 92Page - Microchip Technology LAN9500A Datasheet HTML 93Page - Microchip Technology LAN9500A Datasheet HTML 94Page - Microchip Technology LAN9500A Datasheet HTML 95Page - Microchip Technology LAN9500A Datasheet HTML 96Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 213 page
background image
LAN950x
DS00001875A-page 92
 2010 - 2015 Microchip Technology Inc.
11h
1F
Serial Number String Descriptor EEPROM Word Offset (1Fh)
Corresponds to EEPROM Byte Offset 3Eh
12h
00
Configuration String Descriptor Length (0 bytes - NA)
13h
00
Configuration String Descriptor Word Offset (Don’t Care)
14h
00
Interface String Descriptor Length (0 bytes - NA)
15h
00
Interface String Descriptor Word Offset (Don’t Care)
16h
12
Hi-Speed Device Descriptor Length (18 bytes)
17h
27
Hi-Speed Device Descriptor Word Offset (27h)
Corresponds to EEPROM Byte Offset 4Eh
18h
12
Hi-Speed Configuration and Interface Descriptor Length (18 bytes)
19h
30
Hi-Speed Configuration and Interface Descriptor Word Offset (30h)
Corresponds to EEPROM Byte Offset 60h
1Ah
12
Full-Speed Device Descriptor Length (18 bytes)
1Bh
39
Full-Speed Device Descriptor Word Offset (39h)
Corresponds to EEPROM Byte Offset 72h
1Ch
12
Full-Speed Configuration and Interface Descriptor Length (18bytes)
1Dh
42
Full-Speed Configuration and Interface Descriptor Word Offset (42h)
Corresponds to EEPROM Byte Offset 84h
1Eh
00
GPIO7:0 Wake Enables - GPIO7:0 Not Used For Wakeup Signaling
1Fh
04
GPIO10:8 Wake Enables - GPIO10 Used For Wakeup Signaling
20h
8A
GPIO PME Flags - PME Signaling Enabled via Low Level, Push-Pull
Driver, GPIO10 Active High Detection.
21h
00
PAD BYTE - Used To Align Following Descriptor on WORD Boundary
22h
0A
Size of Manufacturer ID String Descriptor (10 bytes)
23h
03
Descriptor Type (String Descriptor - 03h)
24h - 2Bh
53 00 4D 00 53 00 43 00
Manufacturer ID String (“MCHP” in UNICODE)
2Ch
12
Size of Product Name String Descriptor (18 bytes)
2Dh
03
Descriptor Type (String Descriptor - 03h)
2Eh - 3Dh
4C 00 41 00 4E 00 39 00
35 00 30 00 30 00
41 00
Product Name String (“LAN9500A” in UNICODE)
3Eh
10
Size of Serial Number String Descriptor (16 bytes)
3Fh
03
Descriptor Type (String Descriptor - 03h)
40h - 4Dh
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
4Eh
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
4Fh
01
Descriptor Type (Device Descriptor - 01h)
50h - 51h
00 02
USB Specification Number that the device complies with (0200h)
52h
FF
Class Code
53h
00
Subclass Code
54h
FF
Protocol Code
55h
40
Maximum Packet Size for Endpoint 0
56h - 57h
24 04
Vendor ID (0424h)
58h - 59h
00 9E
Product ID (9E00h)
5Ah - 5Bh
00 01
Device Release Number (0100h)
5Ch
01
Index of Manufacturer String Descriptor
5Dh
02
Index of Product String Descriptor
TABLE 5-65:
EEPROM EXAMPLE - 256 BYTE EEPROM - LAN9500A/LAN9500AI (CONTINUED)
EEPROM
Address
EEPROM Contents
(Hex)
Description


Similar Part No. - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500A SMSC-LAN9500A Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A SMSC-LAN9500A Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN9500A-ABZJ SMSC-LAN9500A-ABZJ Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A-ABZJ-TR SMSC-LAN9500A-ABZJ-TR Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500AI SMSC-LAN9500AI Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
More results

Similar Description - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com