Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN9500A Datasheet(PDF) 62 Page - Microchip Technology

Part # LAN9500A
Description  LAN950x USB 2.0 to 10/100 Ethernet Controller
Download  213 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN9500A Datasheet(HTML) 62 Page - Microchip Technology

Back Button LAN9500A Datasheet HTML 58Page - Microchip Technology LAN9500A Datasheet HTML 59Page - Microchip Technology LAN9500A Datasheet HTML 60Page - Microchip Technology LAN9500A Datasheet HTML 61Page - Microchip Technology LAN9500A Datasheet HTML 62Page - Microchip Technology LAN9500A Datasheet HTML 63Page - Microchip Technology LAN9500A Datasheet HTML 64Page - Microchip Technology LAN9500A Datasheet HTML 65Page - Microchip Technology LAN9500A Datasheet HTML 66Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 213 page
background image
LAN950x
DS00001875A-page 62
 2010 - 2015 Microchip Technology Inc.
The Filter i Offset register defines the offset in the frame’s destination address field from which the frames are examined
by Filter i. Table 5-51 describes the Filter i Offset bit fields.
The Filter i CRC-16 register contains the CRC-16 result of the frame that should pass Filter i.
Table 5-52 describes the Filter i CRC-16 bit fields.
Table 5-53 indicates the cases that produce a wake when the Wakeup Frame Enable (WUEN) bit of the Wakeup Control
and Status Register (WUCSR) is set. All other cases do not generate a wake.
Note 5-21
As determined by bit 0 of Filter i Command.
Note 5-22
CRC matches Filter i CRC-16 field.
Note 5-23
As determined by bit 9 of WUCSR.
TABLE 5-50:
FILTER I COMMAND BIT DEFINITIONS
FILTER i COMMANDS
Bits
Description
3:2
Address Type: Defines the destination address type of the pattern.
00 = Pattern applies only to unicast frames.
10 = Pattern applies only to multicast frames.
X1 = Pattern applies to all frames that have passed the regular receive filter.
1
RESERVED
0
Enable Filter: When bit is set, Filter i is enabled, otherwise, Filter i is disabled.
TABLE 5-51:
FILTER I OFFSET BIT DEFINITIONS
FILTER I OFFSET DESCRIPTION
Bits
Description
7:0
Pattern Offset: The offset of the first byte in the frame on which CRC is checked for Wakeup Frame
recognition. The MAC checks the first offset byte of the frame for CRC and checks to determine
whether the frame is a Wakeup Frame. Offset 0 is the first byte of the incoming frame's destination
address.
TABLE 5-52:
FILTER I CRC-16 BIT DEFINITIONS
FILTER I CRC-16 DESCRIPTION
Bits
Description
15:0
Pattern CRC-16: This field contains the 16-bit CRC value from the pattern and the byte mask
programmed to the Wakeup Filter register function. This value is compared against the CRC
calculated on the incoming frame, and a match indicates the reception of a Wakeup Frame.
TABLE 5-53:
WAKEUP GENERATION CASES
Filter
Enabled
(Note 5-21)
CRC Match
(Note 5-22)
Global
Unicast
Enabled
(Note 5-23)
Pass
Regular
Receive
Filter
Address
Type
(Note 5-24)
Broad-cast
Frame
(Note 5-25)
Multi-cast
Frame
Unicast
Frame
Yes
Yes
x
x
x
Yes
No
No
Yes
Yes
Yes
x
x
No
No
Yes
Yes
Yes
x
Yes
Multicast
(=10)
No
Yes
No
Yes
Yes
x
Yes
Unicast
(=00)
No
No
Yes
Yes
YesxYes
Passed
Receive
Filter
(=x1b)
xxx


Similar Part No. - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500A SMSC-LAN9500A Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A SMSC-LAN9500A Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN9500A-ABZJ SMSC-LAN9500A-ABZJ Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500A-ABZJ-TR SMSC-LAN9500A-ABZJ-TR Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
LAN9500AI SMSC-LAN9500AI Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
More results

Similar Description - LAN9500A

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN9500 SMSC-LAN9500 Datasheet
829Kb / 66P
   USB 2.0 to 10/100 Ethernet Controller Promiscuous mode
logo
Microchip Technology
LAN9514 MICROCHIP-LAN9514 Datasheet
699Kb / 54P
   USB 2.0 Hub and 10/100 Ethernet Controller
10/28/16
logo
SMSC Corporation
LAN9513 SMSC-LAN9513 Datasheet
863Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9512 SMSC-LAN9512_12 Datasheet
861Kb / 51P
   USB 2.0 Hub and 10/100 Ethernet Controller
LAN9514 SMSC-LAN9514_12 Datasheet
884Kb / 52P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
List of Unclassifed Man...
KL5KUSB121 ETC-KL5KUSB121 Datasheet
303Kb / 17P
   USB to 10/100 Ethernet Controller
logo
SMSC Corporation
LAN9512 SMSC-LAN9512 Datasheet
846Kb / 48P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
Microchip Technology
LAN7500 MICROCHIP-LAN7500 Datasheet
1Mb / 58P
   Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
03/25/14
logo
SMSC Corporation
LAN9514 SMSC-LAN9514 Datasheet
867Kb / 49P
   USB 2.0 Hub and 10/100 Ethernet Controller
logo
ASIX Electronics Corpor...
AX88772A ASIX-AX88772A Datasheet
913Kb / 45P
   USB 2.0 to 10/100M Fast Ethernet Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com