Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

54ACTQ543 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part No. 54ACTQ543
Description  Quiet Series Octal Registered Transceiver with TRI-STATE Outputs
Download  10 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  NSC [National Semiconductor (TI)]
Homepage  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ543 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button 54ACTQ543 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 6Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 7Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 8Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 9Page - National Semiconductor (TI) 54ACTQ543 Datasheet HTML 10Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
4.5
pF
V
CC = OPEN
C
PD
Power Dissipation
70.0
pF
V
CC = 5.0V
Capacitance
AC Loading
AC Waveforms
DS100233-10
*Includes jig and probe capacitance
FIGURE 1. Standard AC Test Load
DS100233-11
FIGURE 2. Test Input Signal Levels
Amplitude
Rep. Rate
t
w
t
r
t
f
3.0V
1 MHz
500 ns
2.5 ns
2.5 ns
FIGURE 3. Test Input Signal Requirements
DS100233-12
FIGURE 4. Propagation Delay Waveforms for Inverting
and Non-Inverting Functions
DS100233-13
FIGURE 5. Propagation Delay, Pulse Width Waveforms
DS100233-14
FIGURE 6. TRI-STATE Output High and Low Enable
and Disable Time
www.national.com
6


Html Pages

1  2  3  4  5  6  7  8  9  10 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn