Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G004491000201 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X1G004491000201
Description  SG7050CBN 125.000000MHz TJGA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004491000201 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X1G004491000201 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004491000201 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004491000201 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004491000201 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004491000201 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Clock OSC
SG7050CBN
Product name
SG7050CBN
125.000000MHz TJGA
Product Number / Ordering code
X1G0044910002xx
Please refer to the 8.Packing information about xx (last 2 digits)
Output waveform CMOS
Pb free / Complies with EU RoHS directive
Reference weight Typ. 147 mg
1.Absolute maximum ratings
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Maximum supply voltage
Vcc-GND
-0.3
-
5
V
-
Storage temperature
T_stg
-40
-
+125
ºC
Storage as single product
Input voltage
Vin
-0.3
-
Vcc+0.3
V
ST terminal
2.Specifications(characteristics)
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
Output frequency
f0
125.0000
MHz
Supply voltage
Vcc
1.6
-
3.63
V
-
Operating temperature
T_use
-40
-
+85
ºC
-
Frequency tolerance
f_tol
-50
-
50
x10
-6
T_use
Current consumption
Icc
-
-
11
mA
No load condition
Stand-by current
I_std
-
-
10.0
µA
ST = GND
Disable current
I_dis
-
-
-
mA
-
Symmetry
SYM
45
-
55
%
50% Vcc Level L_CMOS=<15pF
Output voltage
VOH
Vcc-0.4
-
-
-
VOL
-
-
0.4
-
Output load condition
L_CMOS
-
-
15
pF
CMOS Load
Input voltage
VIH
0.8Vcc
-
-
ST terminal
VIL
-
-
0.2Vcc
ST terminal
Rise time
tr
-
-
3
ns
Fall time
tf
-
-
3
ns
Start-up time
t_str
-
-
5
ms
t = 0 at 0.9Vcc
Jitter
tDJ
-
0
-
ps
Deterministic Jitter Vcc=3.3V
tRJ
-
2.6
-
ps
Random Jitter Vcc=3.3V
tRMS
-
2.3
-
ps
δ(RMS of total distribution) Vcc=3.3V
tp-p
-
20.8
-
ps
Peak to Peak Vcc=3.3V
tacc
-
-
-
ps
Phase jitter
tPJ
-
0.2
-
ps
Off set Frequency: 12kHz to 20MHz Vcc=3.3V
Phase noise
L(f)
-
-
-
dBc/Hz
-
-
-62
-
dBc/Hz
Off set 10Hz Vcc=3.3V
-
-91
-
dBc/Hz
Off set 100Hz Vcc=3.3V
-
-118
-
dBc/Hz
Off set 1kHz Vcc=3.3V
-
-129
-
dBc/Hz
Off set 10kHz Vcc=3.3V
-
-139
-
dBc/Hz
Off set 100kHz Vcc=3.3V
-
-147
-
dBc/Hz
Off set 1MHz Vcc=3.3V
Frequency aging
f_age
-5
-
5
x10
-6
@+25ºC first year
-
-
-
-
Vcc1.6V : 0.2Vcc to 0.8Vcc Level,
L_CMOS=15pF
Vcc1.6V : 0.2Vcc to 0.8Vcc Level,
L_CMOS=15pF
-
1 Page


Similar Part No. - X1G004491000201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G004491000300 ETC2-X1G004491000300 Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
X1G004491000301 ETC2-X1G004491000301 Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
X1G004491000311 ETC2-X1G004491000311 Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
X1G004491000312 ETC2-X1G004491000312 Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
X1G004491000313 ETC2-X1G004491000313 Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
More results

Similar Description - X1G004491000201

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0044910017XX ETC2-X1G0044910017XX Datasheet
240Kb / 5P
   SG7050CBN 133.000000MHz TJGA
X1G0044910003XX ETC2-X1G0044910003XX Datasheet
240Kb / 5P
   SG7050CBN 106.250000MHz TJGA
X1G0044610002XX ETC2-X1G0044610002XX Datasheet
262Kb / 5P
   SG5032CBN 125.000000MHz TJGA
X1G0044910006XX ETC2-X1G0044910006XX Datasheet
240Kb / 5P
   SG7050CBN 156.250000MHz TJGA
X1G0044910004XX ETC2-X1G0044910004XX Datasheet
240Kb / 5P
   SG7050CBN 133.330000MHz TJGA
X1G0044910009XX ETC2-X1G0044910009XX Datasheet
240Kb / 5P
   SG7050CBN 133.333000MHz TJGA
X1G0044610003XX ETC2-X1G0044610003XX Datasheet
262Kb / 5P
   SG5032CBN 133.333000MHz TJGA
X1G0044610007XX ETC2-X1G0044610007XX Datasheet
262Kb / 5P
   SG5032CBN 156.250000MHz TJGA
X1G0044610011XX ETC2-X1G0044610011XX Datasheet
262Kb / 5P
   SG5032CBN 106.250000MHz TJGA
X1G0044610004XX ETC2-X1G0044610004XX Datasheet
262Kb / 5P
   SG5032CBN 133.330000MHz TJGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com