Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BSP51 Datasheet(PDF) 5 Page - Infineon Technologies AG

Part No. BSP51
Description  NPN Silicon Darlington Transistors
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BSP51 Datasheet(HTML) 5 Page - Infineon Technologies AG

  BSP51 Datasheet HTML 1Page - Infineon Technologies AG BSP51 Datasheet HTML 2Page - Infineon Technologies AG BSP51 Datasheet HTML 3Page - Infineon Technologies AG BSP51 Datasheet HTML 4Page - Infineon Technologies AG BSP51 Datasheet HTML 5Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
BSP50 ... BSP52
5
Nov-30-2001
Collector-emitter saturation voltage
IC = f (VCEsat), IB - parameter
EHP00663
BSP 50...52
10
1
5
Ι
2
10
5
C
10
3
mA
V
CE sat
V
0
12
B
Ι = 0.5 mA
4 mA
Base-emitter saturation voltage
IC = f (VBEsat), IB - parameter
EHP00664
BSP 50...52
10
1
5
Ι
10
2
C
5
10
mA
3
1
0
BE sat
V
2
V
3
= 0.5 mA
B
Ι
4 mA
Transition frequency fT = f (IC)
VCE = 5V, f = 100MHz
EHP00662
BSP 50...52
10
10
mA
f
C
10
MHz
10
T
5
Ι
12
3
10
3
2
10
1
5


Html Pages

1  2  3  4  5 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn