Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN8820 Datasheet(PDF) 28 Page - Microchip Technology

Part # LAN8820
Description  RGMII 10/100/1000 Ethernet Transceiver
Download  83 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN8820 Datasheet(HTML) 28 Page - Microchip Technology

Back Button LAN8820 Datasheet HTML 24Page - Microchip Technology LAN8820 Datasheet HTML 25Page - Microchip Technology LAN8820 Datasheet HTML 26Page - Microchip Technology LAN8820 Datasheet HTML 27Page - Microchip Technology LAN8820 Datasheet HTML 28Page - Microchip Technology LAN8820 Datasheet HTML 29Page - Microchip Technology LAN8820 Datasheet HTML 30Page - Microchip Technology LAN8820 Datasheet HTML 31Page - Microchip Technology LAN8820 Datasheet HTML 32Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 83 page
background image
LAN8820/LAN8820I
DS00001871B-page 28
 2009-2015 Microchip Technology Inc.
3.9.2
ISOLATE MODE
The device data paths may be electrically isolated from the RGMII interface by setting the Isolate bit of the Basic Control
Register to “1”. In isolation mode, the transceiver does not respond to the TXD and TXCTRL inputs, but does respond
to management transactions.
Isolation provides a means for multiple transceivers to be connected to the same RGMII interface without contention.
By default, the transceiver is not isolated (on power-up, Isolate=0).
3.9.3
CARRIER SENSE
The carrier sense signal is output on RXCTRL. Carrier sense operation is defined in the IEEE 802.3u standard. The
PHY asserts carrier sense based only on receive activity whenever the PHY is either in repeater mode or full-duplex
mode. Otherwise, the PHY asserts carrier sense based on either transmit or receive activity.
The carrier sense logic uses the encoded, unscrambled data to determine carrier activity status. It activates carrier
sense with the detection of 2 non-contiguous zeros within any 10 bit span. Carrier sense terminates if a span of 10 con-
secutive ones is detected before a /J/K/ Start-of Stream Delimiter pair. If an SSD pair is detected, carrier sense is
asserted until either /T/R/ End–of-Stream Delimiter pair or a pair of IDLE symbols is detected. Carrier is negated after
the /T/ symbol or the first IDLE. If /T/ is not followed by /R/, then carrier is maintained. Carrier is treated similarly for IDLE
followed by some non-IDLE symbol.
3.9.4
LINK INTEGRITY
This section details the establishment, maintenance and removal of links between the device and a link partner in
1000BASE-T, 100BASE-TX and 10BASE-T modes. Link status is reported in the Link Status bit of the Basic Status Reg-
ister. The link status is also used to drive the device LEDs as described in Section 3.9.1, "LEDs," on page 27.
3.9.4.1
Establishing and Maintaining a Link
Once a link state is determined via auto-negotiation, parallel detection, or forced operation, the device and the link part-
ner establish a link.
The completion of the auto-negotiation process is reported via the Auto-Negotiate Complete bit of the Basic Status Reg-
ister and issues an interrupt as described in Section 3.5, "Interrupt Management," on page 21. The speed of the link is
reported in the Speed Indication field of the PHY Special Control / Status Register. The speed is also reported on the
LED pins for any link.
Failure to complete the auto-negotiation process is reported through the following status bits:
• Parallel Detection Fault reported in the Auto Negotiation Expansion Register while operating in 10BASE-T or
100BASE-TX modes.
• Master/Slave Configuration Fault reported in the Master/Slave Status Register while operating in 1000BASE-T
mode.
A fault occurs if the Master/Slave configuration conditions do not allow master/slave resolution, as defined in the Master/
Slave Manual Config Enable and Master/Slave Manual Config Value bits in the Master/Slave Control Register of the
local and remote link partners.
3.9.4.2
1000BASE-T
For 1000BASE-T links, the device and its link partner enter a training phase after completion of the auto-negotiation
process. The links exchange idle symbols and use the information obtained from receiving this signal to set their adap-
tive filter coefficients.
These coefficients are used in the receiver to equalize the incoming signal, as well as eliminate signal impairments such
as echo and cross-talk. Each side indicates completion of the training phase to its link partner by changing the encoding
of the idle-symbols it transmits.
The link is established after both sides indicate completion of the training phase. Each side continues to send idle sym-
bols whenever it has no data to transmit. The link is maintained as long as valid idle, data, or carrier extension symbols
are received.
Status of both local and remote receivers is reported in the Local Receiver Status and Remote Receiver Status bits of
the Master/Slave Status Register.


Similar Part No. - LAN8820

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I MICROCHIP-LAN8810I Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
LAN8810I-AKZE MICROCHIP-LAN8810I-AKZE Datasheet
1Mb / 100P
   GMII 10/100/1000 Ethernet Transceiver with HP Auto-MDIX Support
LAN88730 MICROCHIP-LAN88730 Datasheet
918Kb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
LAN88730AM-C MICROCHIP-LAN88730AM-C Datasheet
918Kb / 82P
   Small Footprint MII/RMII 10/100 Ethernet Transceiver for Automotive Applications
07/14/15
More results

Similar Description - LAN8820

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
LAN8810 MICROCHIP-LAN8810 Datasheet
770Kb / 83P
   GMII 10/100/1000 Ethernet Transceiver
07/14/15
logo
List of Unclassifed Man...
IP1001LF ETC2-IP1001LF Datasheet
617Kb / 48P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211B-GR REALTEK-RTL8211B-GR Datasheet
699Kb / 47P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR_09 Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251C-GR REALTEK-RTL8251C-GR Datasheet
1Mb / 56P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211C-GR_08 REALTEK-RTL8211C-GR_08_05 Datasheet
1Mb / 58P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8251CN-VB-GR REALTEK-RTL8251CN-VB-GR Datasheet
1Mb / 52P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
RTL8211BN-GR REALTEK-RTL8211BN-GR Datasheet
788Kb / 45P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
logo
List of Unclassifed Man...
AR8035 ETC2-AR8035 Datasheet
573Kb / 64P
   Integrated 10/100/1000 Gigabit Ethernet Transceiver
logo
Realtek Semiconductor C...
RTL8211BG-GR REALTEK-RTL8211BG-GR Datasheet
747Kb / 49P
   INTEGRATED 10/100/1000 GIGABIT ETHERNET TRANSCEIVER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com