Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN7500I Datasheet(PDF) 27 Page - Microchip Technology

Part # LAN7500I
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500I Datasheet(HTML) 27 Page - Microchip Technology

Back Button LAN7500I Datasheet HTML 23Page - Microchip Technology LAN7500I Datasheet HTML 24Page - Microchip Technology LAN7500I Datasheet HTML 25Page - Microchip Technology LAN7500I Datasheet HTML 26Page - Microchip Technology LAN7500I Datasheet HTML 27Page - Microchip Technology LAN7500I Datasheet HTML 28Page - Microchip Technology LAN7500I Datasheet HTML 29Page - Microchip Technology LAN7500I Datasheet HTML 30Page - Microchip Technology LAN7500I Datasheet HTML 31Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 27
1Fh
04
GPIO[11:8] Wake Enables - GPIO10 Used For Wakeup Signaling
20h
8A
GPIO PME Flags - PME Signaling Enabled via Low Level, Push-Pull
Driver, Magic Packet WOL selected.
21h
7C
Configuration Flags 1 - LED2 is Link and Activity LED, GPIO pins 0 to
4 function as LEDs, SW_MODE pin active low in SUSPEND2 state.
22h
0A
Size of Manufacturer ID String Descriptor (10 bytes)
23h
03
Descriptor Type (String Descriptor - 03h)
24h - 2Bh
53 00 4D 00 53 00 43 00 Manufacturer ID String (“MCHP” in UNICODE)
2Ch
12
Size of Product Name String Descriptor (18 bytes)
2Dh
03
Descriptor Type (String Descriptor - 03h)
2Eh - 3Dh
4C 00 41 00 4E 00 37 00
35 00 30 00 30 00
69 00
Product Name String (“LAN7500i” in UNICODE)
3Eh
10
Size of Serial Number String Descriptor (16 bytes)
3Fh
03
Descriptor Type (String Descriptor - 03h)
40h - 4Dh
30 00 30 00 30 00 35 00
31 00 32 00 33 00
Serial Number String (“0005123” in UNICODE)
4Eh
12
Size of Hi-Speed Device Descriptor in Bytes (18 bytes)
4Fh
01
Descriptor Type (Device Descriptor - 01h)
50h - 51h
00 02
USB Specification Number that the device complies with (0200h)
52h
FF
Class Code
53h
00
Subclass Code
54h
FF
Protocol Code
55h
40
Maximum Packet Size for Endpoint 0
56h - 57h
24 04
Vendor ID (0424h)
58h - 59h
00 75
Product ID (7500h)
5Ah - 5Bh
00 01
Device Release Number (0100h)
5Ch
01
Index of Manufacturer String Descriptor
5Dh
02
Index of Product String Descriptor
5Eh
03
Index of Serial Number String Descriptor
5Fh
01
Number of Possible Configurations
60h
09
Size of Hi-Speed Configuration Descriptor in bytes (9 bytes)
61h
02
Descriptor Type (Configuration Descriptor - 02h)
62h - 63h
27 00
Total length in bytes of data returned (0027h = 39 bytes)
Table 3.7 EEPROM Example - 256 Byte EEPROM (continued)
EEPROM
ADDRESS
EEPROM
CONTENTS
(HEX)
DESCRIPTION


Similar Part No. - LAN7500I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN7500 SMSC-LAN7500 Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
More results

Similar Description - LAN7500I

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
   Hi-Speed USB to 10/100 Ethernet Bridge
logo
Tripp Lite. All Rights ...
U236000GBW TRIPPLITE-U236000GBW Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
logo
Exar Corporation
XR22802 EXAR-XR22802 Datasheet
728Kb / 46P
   Hi-Speed USB to 10/100 Ethernet Bridge
logo
Tripp Lite. All Rights ...
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
   USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9730 MICROCHIP-LAN9730 Datasheet
1Mb / 222P
   High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
07/14/15
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com