Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LAN7500 Datasheet(PDF) 51 Page - Microchip Technology

Part # LAN7500
Description  Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Download  58 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

LAN7500 Datasheet(HTML) 51 Page - Microchip Technology

Back Button LAN7500 Datasheet HTML 47Page - Microchip Technology LAN7500 Datasheet HTML 48Page - Microchip Technology LAN7500 Datasheet HTML 49Page - Microchip Technology LAN7500 Datasheet HTML 50Page - Microchip Technology LAN7500 Datasheet HTML 51Page - Microchip Technology LAN7500 Datasheet HTML 52Page - Microchip Technology LAN7500 Datasheet HTML 53Page - Microchip Technology LAN7500 Datasheet HTML 54Page - Microchip Technology LAN7500 Datasheet HTML 55Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 58 page
background image
Hi-Speed USB 2.0 to 10/100/1000 Ethernet Controller
Datasheet
 2014 Microchip Technology Inc.
DS00001734A-page 51
7.5.5
EEPROM Timing
The following specifies the EEPROM timing requirements for the device:
Figure 7.5 EEPROM Timing
Table 7.18 EEPROM Timing Values
SYMBOL
DESCRIPTION
MIN
TYP
MAX
UNITS
tckcyc
EECLK Cycle time
1110
1130
ns
tckh
EECLK High time
550
570
ns
tckl
EECLK Low time
550
570
ns
tcshckh
EECS high before rising edge of EECLK
1070
ns
tcklcsl
EECLK falling edge to EECS low
30
ns
tdvckh
EEDO valid before rising edge of EECLK
550
ns
tckhinvld
EEDO invalid after rising edge EECLK
550
ns
tdsckh
EEDI setup to rising edge of EECLK
90
ns
tdhckh
EEDI hold after rising edge of EECLK
0
ns
tckldis
EECLK low to data disable (OUTPUT)
580
ns
tcshdv
EEDIO valid after EECS high (VERIFY)
600
ns
tdhcsl
EEDIO hold after EECS low (VERIFY)
0
ns
tcsl
EECS low
1070
ns


Similar Part No. - LAN7500

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN7500 SMSC-LAN7500 Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
More results

Similar Description - LAN7500

ManufacturerPart #DatasheetDescription
logo
SMSC Corporation
LAN7500-ABZJ SMSC-LAN7500-ABZJ Datasheet
688Kb / 2P
   Hi-Speed USB 2.0 to 10/100/1000 Gigabit Ethernet Controller
logo
Exar Corporation
XR22800 EXAR-XR22800 Datasheet
350Kb / 29P
   Hi-Speed USB to 10/100 Ethernet Bridge
XR22801 EXAR-XR22801 Datasheet
418Kb / 42P
   Hi-Speed USB to 10/100 Ethernet Bridge
logo
Tripp Lite. All Rights ...
U236000GBW TRIPPLITE-U236000GBW Datasheet
477Kb / 2P
   USB 2.0 Hi-Speed to Gigabit Ethernet NIC Network Adapter, 10-100-1000 Mbps, White
logo
Exar Corporation
XR22802 EXAR-XR22802 Datasheet
728Kb / 46P
   Hi-Speed USB to 10/100 Ethernet Bridge
logo
Tripp Lite. All Rights ...
U236000R TRIPPLITE-U236000R Datasheet
493Kb / 2P
   USB 2.0 Hi-Speed to Ethernet NIC Network Adapter,10-100 Mbps
logo
Microchip Technology
LAN9500 MICROCHIP-LAN9500 Datasheet
1Mb / 213P
   LAN950x USB 2.0 to 10/100 Ethernet Controller
03/25/14
LAN9730 MICROCHIP-LAN9730 Datasheet
1Mb / 222P
   High-Speed Inter-Chip USB 2.0 to 10/100 Ethernet Controller
07/14/15
logo
PLX Technology
OXU931S PLX-OXU931S Datasheet
102Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
OXU931SF PLX-OXU931SF Datasheet
112Kb / 1P
   Hi-Speed USB 2.0 to SATA Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com