Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G004451004801 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # X1G004451004801
Description  SG5032CAN 3.072000 MHz TJGA
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004451004801 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  X1G004451004801 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004451004801 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004451004801 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004451004801 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004451004801 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 5 page
background image
5.External dimensions
(Unit: mm)
6.Footprint(Recommended)
(Unit: mm)
7.Reflow profile
Reflow condition (Follow of JEDEC STD-020D.01)
8.Packing information
[ 1 ]Product number last 2 digits code(xx) description
The recommended code is "00"
X1G0044510048xx
Code
Code
01
Any Q'ty vinyl bag(Tape cut)
13
500pcs / Reel
11
Any Q'ty / Reel
00
1000pcs / Reel
12
250pcs / Reel
Condition
Condition
Temperature[C]
60
300
250
200
150
100
50
0
ts
60sto180s
(+150Cto+200C)
Avg. Ramp-up
3C/sMax.
Ramp-down
6
C/sMax.
Time[s]
120 180 240 300 360 420 480 540 600 660 720 780
Tsmin;+150C
Tsmax;+200C
TL
;+217C
+255C
tL
60sto150s
(+217Cover)
tp;20sto40s
TP
;+260C
Time +25CtoPeak
5.0±0.2
#4
#1
#3
C0.4
#2
1.2
2.54
E 156.25
CBN395K
#1
#2
#3
#4
2.54
C
C ( ex. 0.01 µF)
1.6
Resist
Note.
OE pin = "H" or "open" : Specified frequency output.
OE pin = "L" : Output is high impedance.
ST pin = "H" or "open" : Specified frequency output.
ST pin = "L" : Output is high impedance、oscillation stops.
3 Page


Similar Part No. - X1G004451004801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G004451003200 ETC2-X1G004451003200 Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G004451003201 ETC2-X1G004451003201 Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G004451003211 ETC2-X1G004451003211 Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G004451003212 ETC2-X1G004451003212 Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G004451003213 ETC2-X1G004451003213 Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
More results

Similar Description - X1G004451004801

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0044510035XX ETC2-X1G0044510035XX Datasheet
262Kb / 5P
   SG5032CAN 18.432000 MHz TJGA
X1G0044510089XX ETC2-X1G0044510089XX Datasheet
262Kb / 5P
   SG5032CAN 37.400000 MHz TJGA
X1G0044510032XX ETC2-X1G0044510032XX Datasheet
262Kb / 5P
   SG5032CAN 4.096000 MHz TJGA
X1G0044510092XX ETC2-X1G0044510092XX Datasheet
262Kb / 5P
   SG5032CAN 52.000000 MHz TJGA
X1G0044510082XX ETC2-X1G0044510082XX Datasheet
262Kb / 5P
   SG5032CAN 26.000000 MHz TJGA
X1G0044510090XX ETC2-X1G0044510090XX Datasheet
262Kb / 5P
   SG5032CAN 38.400000 MHz TJGA
X1G0044510096XX ETC2-X1G0044510096XX Datasheet
262Kb / 5P
   SG5032CAN 74.250000 MHz TJGA
X1G0044510081XX ETC2-X1G0044510081XX Datasheet
262Kb / 5P
   SG5032CAN 19.440000 MHz TJGA
X1G0044510083XX ETC2-X1G0044510083XX Datasheet
262Kb / 5P
   SG5032CAN 27.120000 MHz TJGA
X1G0044510093XX ETC2-X1G0044510093XX Datasheet
262Kb / 5P
   SG5032CAN 60.000000 MHz TJGA
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com