Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1G004131001614 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # X1G004131001614
Description  TG-5006CJ-25L 19.200000 MHz
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1G004131001614 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  X1G004131001614 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1G004131001614 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1G004131001614 Datasheet HTML 3Page - List of Unclassifed Manufacturers X1G004131001614 Datasheet HTML 4Page - List of Unclassifed Manufacturers X1G004131001614 Datasheet HTML 5Page - List of Unclassifed Manufacturers X1G004131001614 Datasheet HTML 6Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 6 page
background image
5.Timing chart
Output waveform (Clipped sine wave output)
6.Test circuit for TCXO
1) Output Load : 10 kΩ//10 pF
2) Current consumption
3) Conditions
1. Oscilloscope:
Impedance
Min. 1 MΩ
Input capacitance
Max. 10 pF
Band width
Min. 300 MHz
Impossible to measure both frequency and wave form at the same time.(In case of using
oscilloscope's amplifier output, possible to measure both at the same time.)
2. Load_C includes probe capacitance.
3. A capacitor (By-pass:0.01 to 0.1 uF) is placed between V
CC and GND,and closely to TCXO.
4. Use the current meter whose internal impedance value is small.
5. Power Supply
Impedance of power supply should be as low as possible.
GND
Vp-p
tW
t
SYM=tw/t×100 %
By-pass
Capacitor
0.01 mF
Supply
Voltage
0.01
10 pF
10 kΩ
Test Point
V
CC
N.C
OUT
GND
By-pass
Capacitor
0.01 mF
0.01
10 pF
10 kΩ
V
CC
N.C
OUT
GND
A
Supply
Voltage
2 Page


Similar Part No. - X1G004131001614

ManufacturerPart #DatasheetDescription
logo
Epson Company
X1G004131001 EPSON-X1G004131001 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G004131001000 EPSON-X1G004131001000 Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0041310011XX ETC2-X1G0041310011XX Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
X1G0041310011XX00 ETC2-X1G0041310011XX00 Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
More results

Similar Description - X1G004131001614

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1G0041310011XX ETC2-X1G0041310011XX Datasheet
439Kb / 3P
   TG-5006CJ-20H 38.400000 MHz
X1G0041310014XX ETC2-X1G0041310014XX Datasheet
439Kb / 6P
   TG-5006CJ-23L 16.368000 MHz
X1G0041310013XX ETC2-X1G0041310013XX Datasheet
439Kb / 6P
   TG-5006CJ-22L 16.367667 MHz
X1G0041310042XX ETC2-X1G0041310042XX Datasheet
439Kb / 6P
   TG-5006CJ-47L 32.000000 MHz
X1G0041310018XX ETC2-X1G0041310018XX Datasheet
439Kb / 6P
   TG-5006CJ-27L 38.400000 MHz
logo
Epson Company
X1G0041310010XX EPSON-X1G0041310010XX Datasheet
354Kb / 8P
   TG-5006CJ-19H 26.000000 MHz
logo
List of Unclassifed Man...
X1G0041310041XX ETC2-X1G0041310041XX Datasheet
439Kb / 6P
   XTAL OSC VCTCXO 40.0000MHZ SNWV
logo
PHOENIX CONTACT
3046388 PHOENIX-3046388 Datasheet
121Kb / 7P
   UT 2,5-TG
2774237 PHOENIX-2774237 Datasheet
155Kb / 6P
   DIKD 1,5-TG
3011054 PHOENIX-3011054 Datasheet
133Kb / 6P
   DOKD 1,5-TG
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com