Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS7044IDCUR Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7044IDCUR
Description  Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS7044IDCUR Datasheet(HTML) 10 Page - Texas Instruments

Back Button ADS7044IDCUR Datasheet HTML 6Page - Texas Instruments ADS7044IDCUR Datasheet HTML 7Page - Texas Instruments ADS7044IDCUR Datasheet HTML 8Page - Texas Instruments ADS7044IDCUR Datasheet HTML 9Page - Texas Instruments ADS7044IDCUR Datasheet HTML 10Page - Texas Instruments ADS7044IDCUR Datasheet HTML 11Page - Texas Instruments ADS7044IDCUR Datasheet HTML 12Page - Texas Instruments ADS7044IDCUR Datasheet HTML 13Page - Texas Instruments ADS7044IDCUR Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 41 page
background image
85
87
89
91
93
95
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C011
0
10000
20000
30000
40000
50000
60000
70000
2046
2047
2048
2049
Code
C012
88
90
92
94
96
±40
±7
26
59
92
125
Free-Air Temperature (oC)
C007
68
73
78
83
88
93
98
103
108
0
50
100
150
200
250
Input Frequency (kHz)
C009
±100
±95
±90
±85
±80
±75
±70
±65
0
50
100
150
200
250
Input Frequency (kHz)
C008
±92
±90
±88
±86
±84
±82
1.8
2.1
2.4
2.7
3
3.3
3.6
Reference Voltage (V)
C010
ADS7044
SBAS682D – NOVEMBER 2014 – REVISED DECEMBER 2015
www.ti.com
Typical Characteristics (continued)
At TA = 25°C, AVDD = 3 V, DVDD = 1.8 V, and fSAMPLE = 1 MSPS, unless otherwise noted.
Figure 8. THD vs Input Frequency
Figure 9. THD vs Reference Voltage (AVDD)
Figure 10. SFDR vs Free-Air Temperature
Figure 11. SFDR vs Input Frequency
Mean code = 2046.98
Sigma = 0.14
Figure 12. SFDR vs Reference Voltage (AVDD)
Figure 13. DC Input Histogram
10
Submit Documentation Feedback
Copyright © 2014–2015, Texas Instruments Incorporated
Product Folder Links: ADS7044


Similar Part No. - ADS7044IDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
More results

Similar Description - ADS7044IDCUR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS7044 TI1-ADS7044 Datasheet
1Mb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7042 TI1-ADS7042 Datasheet
1Mb / 43P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043 Datasheet
923Kb / 35P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7043 TI1-ADS7043_15 Datasheet
1Mb / 40P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 12-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041 Datasheet
746Kb / 37P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7041 TI1-ADS7041_15 Datasheet
1Mb / 42P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 10-Bit, 1-MSPS, SAR ADC
ADS7040 TI1-ADS7040 Datasheet
949Kb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 8-Bit, 1-MSPS, SAR ADC
ADS7056 TI1-ADS7056 Datasheet
1Mb / 38P
[Old version datasheet]   Ultra-Low Power, Ultra-Small Size, 14-Bit, High-Speed SAR ADC
ADS7047 TI1-ADS7047 Datasheet
1Mb / 42P
[Old version datasheet]   12-Bit, 3-MSPS, Differential Input, Small-Size, Low-Power SAR ADC
ADS7049-Q1 TI1-ADS7049-Q1 Datasheet
550Kb / 30P
[Old version datasheet]   ADS7049-Q1 Small-Size, Low-Power, 12-Bit, 2-MSPS, SAR ADC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com