Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

LMP92066PWPR Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LMP92066PWPR
Description  Dual Temperature-Controlled DAC
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

LMP92066PWPR Datasheet(HTML) 1 Page - Texas Instruments

  LMP92066PWPR Datasheet HTML 1Page - Texas Instruments LMP92066PWPR Datasheet HTML 2Page - Texas Instruments LMP92066PWPR Datasheet HTML 3Page - Texas Instruments LMP92066PWPR Datasheet HTML 4Page - Texas Instruments LMP92066PWPR Datasheet HTML 5Page - Texas Instruments LMP92066PWPR Datasheet HTML 6Page - Texas Instruments LMP92066PWPR Datasheet HTML 7Page - Texas Instruments LMP92066PWPR Datasheet HTML 8Page - Texas Instruments LMP92066PWPR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 63 page
background image
0
5
10
15
20
25
30
35
REAOPC (mV)
C009
MEAN = 0.72 mV
STDEV = 1.71 mV
LMP92066
DAC0
FETDRV0
FETDRV1
DAC1
DRVEN1
DRVEN0
SDA
SCL
A1
A0
µC
3.3V
VIO
GNDD
VSSB
GNDA
VDDB
VDD
5V
PA: LDMOS
10µ
PA: LDMOS
10µ
Gate Bias 1
Gate Bias 0
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
LMP92066
SNAS634B – MARCH 2014 – REVISED JANUARY 2016
LMP92066 Dual Temperature-Controlled DAC with Integrated EEPROM and Output
ON/OFF Control
1 Features
3 Description
The LMP92066 is a highly integrated temperature-
1
Internal 12-Bit Temperature Sensor
controlled dual DAC. Both DACs can be programmed
Accuracy (–40°C to 120°C), ±3.2°C
by two independent, user-defined, temperature-to-
(maximum)
voltage transfer functions stored in the internal
Two Independent Transfer Functions Stored in
EEPROM, allowing any temperature effects to be
corrected without additional external circuitry. Once
EEPROM
powered up, the device operates autonomously,
Dual-Analog Output
without intervention from the system controller, to
Two 12-Bit DACs
provide
a
complete
solution
for
setting
and
Output Range 0 V to 5 V or 0 V to –5 V
compensating bias voltages and currents in control
applications.
High-Capacitive Load Tolerant, up to 10 µF
The LMP92066 has two analog outputs that support
Post-Calibration Accuracy ±2.4 mV (typical)
two output ranges: zero to plus five volts and zero to
Output On/Off Control Switching Time 50 ns
minus five volts. Each output can be switched to the
(typical)
load individually through the use of the dedicated
Switching Time 50 ns (typical)
control pin. The output switching is designed for rapid
response, making the device suitable for the RF
RDSON 5
Ω (maximum)
Power Amplifier biasing applications.
I2C Interface: Standard and Fast
The EEPROM is verified for 100 write operations,
Nine Selectable Slave Addresses
enabling repeated field updates. The EEPROM
TIMEOUT Function
programming is completed upon the user-issued I2C
VDD Supply Range 4.75 V to 5.25 V
command.
VIO Range 1.65 V to 3.6 V
The LMP92066’s digital ports interface to a variety of
Specified Temperature Range –25°C to 120°C
system controllers, as the dedicated VIO pin sets the
digital I/O levels. The device is available in the
Operating Temperature Range –40°C to 125°C
thermally enhanced PowerPAD™ package, enabling
precise PCB temperature measurement.
2 Applications
GaN or LDMOS PA Bias Controller
Device Information
Sensor Temperature Compensation
PART NUMBER
PACKAGE
BODY SIZE
Timing Circuit Temperature Compensation
LMP92066
HTSSOP (16)
5.00 mm x 4.40 mm
4 Simplified Schematic
Residual Error After One Point Calibration
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - LMP92066PWPR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LMP92066 TI-LMP92066_15 Datasheet
1Mb / 62P
[Old version datasheet]   LMP92066 Dual Temperature-Controlled DAC with Integrated EEPROM and Output ON/OFF Control
More results

Similar Description - LMP92066PWPR

ManufacturerPart #DatasheetDescription
logo
Maxim Integrated Produc...
DS3911 MAXIM-DS3911 Datasheet
2Mb / 24P
   Temperature-Controlled, Nonvolatile, I2C Quad DAC
Rev 0; 6/11
logo
Texas Instruments
LMP92066 TI-LMP92066_15 Datasheet
1Mb / 62P
[Old version datasheet]   LMP92066 Dual Temperature-Controlled DAC with Integrated EEPROM and Output ON/OFF Control
logo
Dallas Semiconductor
DS1847 DALLAS-DS1847 Datasheet
239Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
logo
Maxim Integrated Produc...
DS1847 MAXIM-DS1847 Datasheet
270Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor
011806
DS1848 MAXIM-DS1848 Datasheet
264Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
011806
DS1854 MAXIM-DS1854 Datasheet
792Kb / 22P
   Dual Temperature-Controlled Resistors with Two Monitors
Rev 0; 1/03
logo
Dallas Semiconductor
DS1848 DALLAS-DS1848 Datasheet
234Kb / 17P
   Dual Temperature-Controlled NV Variable Resistor & Memory
logo
Maxim Integrated Produc...
DS1858 MAXIM-DS1858 Datasheet
784Kb / 22P
   Dual Temperature-Controlled Resistors with Three Monitors
Rev 0; 1/03
DS1857 MAXIM-DS1857 Datasheet
815Kb / 22P
   Dual Temperature-Controlled Resistors with External Temperature Input and Monitors
Rev 1; 6/04
logo
Dallas Semiconductor
DS1851 DALLAS-DS1851 Datasheet
202Kb / 17P
   Dual Temperature-Controlled NV Digital-to-Analog Converters
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com