Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812ICPWR Datasheet(PDF) 6 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8812ICPWR
Description  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812ICPWR Datasheet(HTML) 6 Page - Texas Instruments

Back Button DAC8812ICPWR Datasheet HTML 2Page - Texas Instruments DAC8812ICPWR Datasheet HTML 3Page - Texas Instruments DAC8812ICPWR Datasheet HTML 4Page - Texas Instruments DAC8812ICPWR Datasheet HTML 5Page - Texas Instruments DAC8812ICPWR Datasheet HTML 6Page - Texas Instruments DAC8812ICPWR Datasheet HTML 7Page - Texas Instruments DAC8812ICPWR Datasheet HTML 8Page - Texas Instruments DAC8812ICPWR Datasheet HTML 9Page - Texas Instruments DAC8812ICPWR Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 29 page
background image
6
DAC8812
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Electrical Characteristics (continued)
VDD = 2.7 V to 5.5 V, IOUTX = Virtual GND, AGNDX = 0 V, VREFA, B = 10 V, TA = full operating temperature range, unless
otherwise noted.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNIT
(3)
All ac characteristic tests are performed in a closed-loop system using a THS4011 I-to-V converter amplifier.
SUPPLY CHARACTERISTICS
VDD RANGE
Power supply range
2.7
5.5
V
IDD
Positive supply current
Logic inputs = 0 V, VDD = 4.5 V to 5.5 V
2
5
μA
Logic inputs = 0 V, VDD = 2.7 V to 3.6 V
1
2.5
μA
PDISS
Power dissipation
Logic inputs = 0 V
0.0275
mW
PSS
Power supply sensitivity
ΔVDD = ±5%
0.006%
AC CHARACTERISTICS(2) (3)
ts
Output voltage settling time
To ±0.1% of full-scale,
Data = 0000h to FFFFh to 0000h
0.3
µs
To ±0.0015% of full-scale,
Data = 0000h to FFFFh to 0000h
0.5
QG
DAC glitch impulse
VREFx = 10 V, data = 7FFFh to 8000h to 7FFFh
5
nV-s
BW –3 dB
Reference multiplying BW
VREFx = 100 mVRMS, data = FFFFh, CFB = 3 pF
10
MHz
Feedthrough error
Data = 0000h, VREFx = 100 mVRMS,
f = 100 kHz
–70
dB
Crosstalk error
Data = 0000h, VREFB = 100 mVRMS,
Adjacent channel, f = 100 kHz
–100
dB
QD
Digital feedthrough
CS = 1 and fCLK = 1 MHz
1
nV-s
THD
Total harmonic distortion
VREF = 5 VPP, data = FFFFh, f = 1 kHz
–105
dB
en
Output spot noise voltage
f = 1 kHz, BW = 1 Hz
12
nV/
√Hz
(1)
All input control signals are specified with tR = tF = 2.5 ns (10% to 90% of 3 V) and timed from a voltage level of 1.5 V.
7.6 Timing Requirements
See Figure 1
MIN
NOM
MAX
UNIT
INTERFACE TIMING(1)
tCH
Clock duration, high
10
ns
tCL
Clock duration, low
10
ns
tCSS
CS to clock setup
0
ns
tCSH
Clock to CS hold
10
ns
tLDAC
Load DAC pulse duration
20
ns
tDS
Data setup
10
ns
tDH
Data hold
10
ns
tLDS
Load setup
5
ns
tLDH
Load hold
25
ns
7.7 Switching Characteristics
over operating ambient temperature range (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
INTERFACE TIMING
tPD
Clock to SDO propagation delay
2
20
ns


Similar Part No. - DAC8812ICPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812ICPWR TI-DAC8812ICPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812ICPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com