Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812IBPWR Datasheet(PDF) 3 Page - Texas Instruments

Click here to check the latest version.
Part # DAC8812IBPWR
Description  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812IBPWR Datasheet(HTML) 3 Page - Texas Instruments

  DAC8812IBPWR Datasheet HTML 1Page - Texas Instruments DAC8812IBPWR Datasheet HTML 2Page - Texas Instruments DAC8812IBPWR Datasheet HTML 3Page - Texas Instruments DAC8812IBPWR Datasheet HTML 4Page - Texas Instruments DAC8812IBPWR Datasheet HTML 5Page - Texas Instruments DAC8812IBPWR Datasheet HTML 6Page - Texas Instruments DAC8812IBPWR Datasheet HTML 7Page - Texas Instruments DAC8812IBPWR Datasheet HTML 8Page - Texas Instruments DAC8812IBPWR Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
RFBA
16
CLK
2
VREFA
15
LDAC
3
IOUTA
14
MSB
4
AGNDA
13
VDD
5
AGNDB
12
DGND
6
IOUTB
11
CS
7
VREFB
10
RS
8
RFBB
9
SDI
3
DAC8812
www.ti.com
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
5 Device Comparison Table
DEVICE
MAXIMUM RELATIVE ACCURACY (LSB)
DAC8812C
±1
DAC8812B
±2
6 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
I/O
DESCRIPTION
NO.
NAME
1
RFBA
I
Establish voltage output for DAC A by connecting to external amplifier output.
2
VREFA
I
DAC A reference voltage input pin. Establishes DAC A full-scale output voltage. Can be tied to VDD pin.
3
IOUTA
O
DAC A current output
4
AGNDA
DAC A analog ground
5
AGNDB
DAC B analog ground
6
IOUTB
O
DAC B current output
7
VREFB
I
DAC B reference voltage input pin. Establishes DAC B full-scale output voltage. Can be tied to VDD pin.
8
RFBB
I
Establish voltage output for DAC B by connecting to external amplifier output.
9
SDI
I
Serial data input; data loads directly into the shift register.
10
RS
I
Reset pin; active-low input. Input registers and DAC registers are set to all 0s or midscale. Register data =
0x0000 when MSB = 0. Register data = 0x8000 when MSB = 1 for DAC8812.
11
CS
I
Chip-select; active-low input. Disables shift register loading when high. Transfers serial register data to input
register when CS goes high. Does not affect LDAC operation.
12
DGND
Digital ground
14
MSB
I
MSB bit sets output to either 0 or midscale during a RESET pulse (RS) or at system power-on. Output
equals zero scale when MSB = 0 and midscale when MSB = 1. MSB pin can be permanently tied to ground
or VDD.
13
VDD
I
Positive power-supply input. Specified range of operation 2.7 V to 5.5 V.
15
LDAC
I
Load DAC register strobe; level-sensitive active-low. Transfers all input register data to the DAC registers.
Asynchronous active-low input. See Table 2 for operation.
16
CLK
I
Clock input. Positive edge clocks data into shift register.


Similar Part No. - DAC8812IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812IBPWR TI-DAC8812IBPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812IBPWR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com