Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

DAC8812IBPWG4 Datasheet(PDF) 10 Page - Texas Instruments

Part # DAC8812IBPWG4
Description  Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

DAC8812IBPWG4 Datasheet(HTML) 10 Page - Texas Instruments

Back Button DAC8812IBPWG4 Datasheet HTML 6Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 7Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 8Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 9Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 10Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 11Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 12Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 13Page - Texas Instruments DAC8812IBPWG4 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 29 page
background image
Time(0.2 s/div)
m
LDACPulse
Code:7FFFhto8000h
Time(0.1 s/div)
m
TriggerPulse
VoltageOutputSettling
180
160
140
120
100
80
60
40
20
0
0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
5.0
LogicInputVoltage(V)
V
=+5.0V
DD
V
=+2.7V
DD
6
0
− 6
− 12
− 18
− 24
− 30
− 36
− 42
− 48
− 54
− 60
− 66
− 72
− 78
− 84
− 90
− 96
− 102
− 108
− 114
10
1 00
1 k
10k
10 0k
1 M
10M
100 M
Bandwidth (H z )
0x0004
0x0008
0x0010
0x0020
0x0040
0x0080
0x0100
0x0200
0x0400
0x0800
0x1000
0x2000
0x4000
0x8000
0xFFFF
0x0000
0x0002
0x0001
10
DAC8812
SBAS349D – AUGUST 2005 – REVISED JANUARY 2016
www.ti.com
Product Folder Links: DAC8812
Submit Documentation Feedback
Copyright © 2005–2016, Texas Instruments Incorporated
Channel B—5 V (continued)
At TA = 25°C, VDD = 5 V, unless otherwise noted
Figure 14. Supply Current vs Logic Input Voltage
Figure 15. Reference Multiplying Bandwidth
Figure 16. DAC Glitch
Figure 17. DAC Settling Time
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space
Space


Similar Part No. - DAC8812IBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812IBPW TI-DAC8812IBPW Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8812IBPWR TI-DAC8812IBPWR Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
More results

Similar Description - DAC8812IBPWG4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DAC8812 TI-DAC8812 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811 Datasheet
421Kb / 15P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811 TI1-DAC8811 Datasheet
1Mb / 29P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8811ICDGKT TI1-DAC8811ICDGKT Datasheet
979Kb / 21P
[Old version datasheet]   16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8812 TI-DAC8812_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8812 Dual, Serial-Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8811 TI-DAC8811_15 Datasheet
1Mb / 29P
[Old version datasheet]   DAC8811 16-Bit, Serial Input Multiplying Digital-to-Analog Converter
DAC8814 TI-DAC8814 Datasheet
264Kb / 31P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8814 TI1-DAC8814_09 Datasheet
3Mb / 27P
[Old version datasheet]   Quad, Serial Input 16-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802_15 Datasheet
777Kb / 22P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
DAC8802 TI-DAC8802 Datasheet
1Mb / 18P
[Old version datasheet]   Dual, Serial Input 14-Bit Multiplying Digital-to-Analog Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com