Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADS1118-Q1 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # ADS1118-Q1
Description  Analog-to-Digital Converter
Download  41 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADS1118-Q1 Datasheet(HTML) 1 Page - Texas Instruments

  ADS1118-Q1 Datasheet HTML 1Page - Texas Instruments ADS1118-Q1 Datasheet HTML 2Page - Texas Instruments ADS1118-Q1 Datasheet HTML 3Page - Texas Instruments ADS1118-Q1 Datasheet HTML 4Page - Texas Instruments ADS1118-Q1 Datasheet HTML 5Page - Texas Instruments ADS1118-Q1 Datasheet HTML 6Page - Texas Instruments ADS1118-Q1 Datasheet HTML 7Page - Texas Instruments ADS1118-Q1 Datasheet HTML 8Page - Texas Instruments ADS1118-Q1 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 41 page
background image
Digital Filter
and
Interface
Oscillator
Voltage
Reference
Temperature
Sensor
Mux
PGA
16-bit
û
ADC
AIN0
AIN1
SCLK
CS
VDD
GND
DOUT/DRDY
DIN
ADS1118-Q1
0.1 F
AIN2
AIN3
3.3 V
3.3 V
3.3 V
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
Reference
Design
ADS1118-Q1
SBAS740A – OCTOBER 2015 – REVISED NOVEMBER 2015
ADS1118-Q1 Automotive, Low-Power, SPI-Compatible, 16-Bit
Analog-to-Digital Converter With Internal Reference and Temperature Sensor
1 Features
3 Description
The ADS1118-Q1 is a precision, low power, 16-bit
1
Qualified for Automotive Applications
analog-to-digital converter (ADC) that provides all
AEC-Q100 Qualified With the Following Results:
features necessary to measure the most common
Temperature Grade 1: –40°C to +125°C
sensor
signals.
The
ADS1118-Q1
integrates
a
programmable
gain
amplifier
(PGA),
voltage
HBM ESD Classification 2
reference, oscillator, and high-accuracy temperature
CDM ESD Classification C6
sensor. These features, along with a wide power-
Wide Supply Range: 2 V to 5.5 V
supply range from 2 V to 5.5 V, make the
ADS1118-Q1 ideally suited for power- and space-
Low Current Consumption:
constrained, sensor-measurement applications.
Continuous Mode: Only 150
μA
The ADS1118-Q1 performs conversions at data rates
Single-Shot Mode: Automatic Power-Down
up to 860 samples per second (SPS). The PGA offers
Programmable Data Rate: 8 SPS to 860 SPS
input ranges from ±256 mV to ±6.144 V, allowing
Single-Cycle Settling
both large and small signals to be measured with
high resolution. An input multiplexer (mux) allows
Internal Low-Drift Voltage Reference
measurement of two differential or four single-ended
Internal Temperature Sensor:
inputs. The high-accuracy temperature sensor is used
2°C (Maximum) Error
for system-level temperature monitoring, or cold-
Internal Oscillator
junction compensation for thermocouples.
Internal PGA
The ADS1118-Q1 operates either in continuous-
Four Single-Ended or Two Differential Inputs
conversion mode, or in a single-shot mode that
automatically
powers
down
after
a
conversion.
2 Applications
Single-shot
mode
significantly
reduces
current
consumption during idle periods. Data are transferred
Battery Management Systems
through a serial peripheral interface (SPI™). The
Automotive Sensors
ADS1118-Q1 is specified from –40°C to +125°C.
Thermocouples
Device Information(1)
Resistance Temperature Detectors (RTDs)
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Pressure and Strain Gauge Sensors
ADS1118-Q1
VSSOP (10)
3.00 mm × 3.00 mm
Electrochemical Gas Sensors
(1) For all available packages, see the package option addendum
Particulate Matter Sensors
at the end of the data sheet.
K-Type Thermocouple Measurement
Using Integrated Temperature Sensor for Cold-Junction Compensation
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - ADS1118-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS1118-Q1 TI-ADS1118-Q1 Datasheet
1Mb / 50P
[Old version datasheet]   ADS111x-Q1 Automotive, Low-Power, I2C-Compatible, 860-SPS, 16-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED DECEMBER 2022
ADS1118-Q1 TI1-ADS1118-Q1 Datasheet
1Mb / 47P
[Old version datasheet]   ADS101x-Q1 Automotive, Low-Power, I2C-Compatible, 3.3-kSPS, 12-Bit ADCs With Internal Reference, Oscillator, and Programmable Comparator
REVISED JULY 2023
More results

Similar Description - ADS1118-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TL505C TI-TL505C Datasheet
316Kb / 7P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
ADS820 TI1-ADS820_13 Datasheet
409Kb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM2702 TI1-PCM2702_09 Datasheet
427Kb / 17P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM4201 TI1-PCM4201_16 Datasheet
847Kb / 26P
[Old version datasheet]   Analog-to-Digital Converter
PCM4204 TI1-PCM4204_16 Datasheet
1Mb / 38P
[Old version datasheet]   Analog-to-Digital Converter
ADS7821 TI1-ADS7821 Datasheet
201Kb / 11P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7805 TI1-ADS7805 Datasheet
949Kb / 20P
[Old version datasheet]   ANALOG-to-DIGITAL CONVERTER
ADS7809 TI1-ADS7809 Datasheet
1Mb / 20P
[Old version datasheet]   ANALOG-TO-DIGITAL CONVERTER
PCM1741 TI1-PCM1741_08 Datasheet
496Kb / 24P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1718E TI1-PCM1718E_15 Datasheet
347Kb / 14P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
PCM1728 TI1-PCM1728_15 Datasheet
328Kb / 16P
[Old version datasheet]   DIGITAL-TO-ANALOG CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com