Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ADC128S022 Datasheet(PDF) 3 Page - Texas Instruments

Part # ADC128S022
Description  8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

ADC128S022 Datasheet(HTML) 3 Page - Texas Instruments

  ADC128S022_15 Datasheet HTML 1Page - Texas Instruments ADC128S022_15 Datasheet HTML 2Page - Texas Instruments ADC128S022_15 Datasheet HTML 3Page - Texas Instruments ADC128S022_15 Datasheet HTML 4Page - Texas Instruments ADC128S022_15 Datasheet HTML 5Page - Texas Instruments ADC128S022_15 Datasheet HTML 6Page - Texas Instruments ADC128S022_15 Datasheet HTML 7Page - Texas Instruments ADC128S022_15 Datasheet HTML 8Page - Texas Instruments ADC128S022_15 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 29 page
background image
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
CS
SCLK
V
A
DOUT
AGND
DIN
IN0
V
D
IN1
DGND
IN2
IN7
IN3
IN6
IN4
IN5
ADC128S022
ADC128S022
www.ti.com
SNAS334F – AUGUST 2005 – REVISED NOVEMBER 2015
5 Pin Configuration and Functions
PW Package
16-Pin TSSOP
Top View
Pin Functions
PIN
TYPE
DESCRIPTION
NAME
NO.
Chip select. On the falling edge of CS, a conversion process begins. Conversions continue
CS
1
Digital I/O
as long as CS is held low.
Positive analog supply pin. This voltage is also used as the reference voltage. This pin
Power
VA
2
should be connected to a quiet +2.7-V to +5.25-V source and bypassed to GND with 1-µF
Supply
and 0.1-µF monolithic ceramic capacitors located within 1 cm of the power pin.
Power
AGND
3
The ground return for the analog supply and signals.
Supply
IN0 to IN7
4-11
Analog I/O
Analog inputs. These signals can range from 0 V to VREF.
Power
DGND
12
The ground return for the digital supply and signals.
Supply
Positive digital supply pin. This pin should be connected to a +2.7-V to VA supply, and
Power
VD
13
bypassed to GND with a 0.1-µF monolithic ceramic capacitor located within 1 cm of the
Supply
power pin.
Digital data input. The ADC128S022's Control Register is loaded through this pin on rising
DIN
14
Digital I/O
edges of the SCLK pin.
Digital data output. The output samples are clocked out of this pin on the falling edges of
DOUT
15
Digital I/O
the SCLK pin.
Digital clock input. The specified performance range of frequencies for this input is 0.8 MHz
SCLK
16
Digital I/O
to 3.2 MHz. This clock directly controls the conversion and readout processes.
Copyright © 2005–2015, Texas Instruments Incorporated
Submit Documentation Feedback
3
Product Folder Links: ADC128S022


Similar Part No. - ADC128S022_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
More results

Similar Description - ADC128S022_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADC128S022CIMT-NOPB TI1-ADC128S022CIMT-NOPB Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
National Semiconductor ...
ADC128S022 NSC-ADC128S022 Datasheet
848Kb / 18P
   8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
logo
Texas Instruments
ADC128S022 TI1-ADC128S022_14 Datasheet
1Mb / 26P
[Old version datasheet]   ADC128S022 8-Channel, 50 kSPS to 200 kSPS, 12-Bit A/D Converter
ADC088S022 TI1-ADC088S022_14 Datasheet
1Mb / 24P
[Old version datasheet]   8-Channel, 50 ksps to 200 ksps, 8-Bit A/D Converter
logo
National Semiconductor ...
ADC088S022 NSC-ADC088S022 Datasheet
804Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
ADC088S022 NSC-ADC088S022_06 Datasheet
824Kb / 17P
   8-Channel, 50 kSPS to 200 kSPS, 8-Bit A/D Converter
logo
Texas Instruments
ADC124S021 TI1-ADC124S021 Datasheet
1Mb / 27P
[Old version datasheet]   4-Channel, 50 ksps to 200 ksps, 12-Bit A/D Converter
ADC128S052 TI1-ADC128S052_14 Datasheet
1Mb / 26P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC128S052CIMT TI1-ADC128S052CIMT Datasheet
1Mb / 25P
[Old version datasheet]   8-Channel, 200 kSPS to 500 kSPS, 12-Bit A/D Converter
ADC122S021 TI1-ADC122S021_15 Datasheet
1Mb / 28P
[Old version datasheet]   2 Channel, 50 ksps to 200 ksps 12-Bit A/D Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com