Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

X1E000351002700 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # X1E000351002700
Description  MHz Range Crystal unit
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

X1E000351002700 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  X1E000351002700 Datasheet HTML 1Page - List of Unclassifed Manufacturers X1E000351002700 Datasheet HTML 2Page - List of Unclassifed Manufacturers X1E000351002700 Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
MHz Range Crystal unit
FA2016AN
Product name
FA2016AN 48.000000 MHz 10.0 +10.0-10.0
Product Number / Ordering code
X1E0003510027xx
Please refer to the 5.Packing information about xx (last 2 digits)
Pb free / Complies with EU RoHS directive
Reference weight Typ. 6 mg
1.Absolute maximum ratings
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
T_stg
-40
-
+125
ºC
Storage as single product
2.Specifications(characteristics)
Symbol
Min.
Typ.
Max.
Unit
Conditions / Remarks
f_nom
48.000000
MHz
Fundamental
f_tol
-10
-
10
x 10-
6
@+25ºC
f_tem
-10
-
10
x 10
-6
-20ºC to 75ºC
T_use
-20
-
+75
ºC
DL
10
-
100
µW
Recommended:1 to 100µW
CL
10
pF
R1
-
-
60
C1
-
3.492
-
fF
L1
-
3.148
-
mH
C0
-
0.87
-
pF
f_age
-1
1
x10
-6 /yea @+25ºC, First year
3.External dimensions
(Unit: mm)
4.Footprint(Recommended)
(Unit: mm)
5.Packing information
[ 1 ]Product number last 2 digits code (xx) description
The recommended code is "18"
X1E0003510027xx
Code
Code
01
Any Q'ty vinyl bag(Tape cut)
00
3000pcs / Reel
11
Any Q'ty / Reel
18
5000pcs / Reel
12
250pcs / Reel
14
1000pcs / Reel
Frequency Stability over
temperature
Parameter
Storage temperature
Parameter
Nominal frequency
Frequency tolerance
Shunt capacitance
Frequency aging
Condition
Condition
Operating temperature
Level of drive
Load capacitance
Motional resistance (ESR)
Motional capacitance
Motional inductance
1.45
0.95
0.85
1.15
1 Page


Similar Part No. - X1E000351002700

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
X1E000351002000 ETC2-X1E000351002000 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002001 ETC2-X1E000351002001 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002011 ETC2-X1E000351002011 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002012 ETC2-X1E000351002012 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002014 ETC2-X1E000351002014 Datasheet
235Kb / 3P
   MHz Range Crystal unit
More results

Similar Description - X1E000351002700

ManufacturerPart #DatasheetDescription
logo
Epson ToYoCom
FA-23A EPSONTOYOCOM-FA-23A Datasheet
409Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
List of Unclassifed Man...
Q22FA1280008912 ETC2-Q22FA1280008912 Datasheet
236Kb / 3P
   MHz Range Crystal unit
Q22FA1280014012 ETC2-Q22FA1280014012 Datasheet
236Kb / 3P
   MHz Range Crystal unit
X1E000351002412 ETC2-X1E000351002412 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351002912 ETC2-X1E000351002912 Datasheet
235Kb / 3P
   MHz Range Crystal unit
X1E000351001712 ETC2-X1E000351001712 Datasheet
235Kb / 3P
   MHz Range Crystal unit
logo
Epson Company
FA-128 EPSON-FA-128 Datasheet
585Kb / 2P
   MHz RANGE CRYSTAL UNIT
FA2016AN EPSON-FA2016AN Datasheet
481Kb / 2P
   MHz RANGE CRYSTAL UNIT
logo
Epson ToYoCom
FA1210AN EPSONTOYOCOM-FA1210AN Datasheet
204Kb / 1P
   MHz Range Crystal Unit
logo
List of Unclassifed Man...
Q22FA1280034112 ETC2-Q22FA1280034112 Datasheet
236Kb / 3P
   MHz Range Crystal unit
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com