Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

54ACTQ377 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # 54ACTQ377
Description  Octal D Flip-Flop with Clock Enable
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

54ACTQ377 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  54ACTQ377 Datasheet HTML 1Page - National Semiconductor (TI) 54ACTQ377 Datasheet HTML 2Page - National Semiconductor (TI) 54ACTQ377 Datasheet HTML 3Page - National Semiconductor (TI) 54ACTQ377 Datasheet HTML 4Page - National Semiconductor (TI) 54ACTQ377 Datasheet HTML 5Page - National Semiconductor (TI) 54ACTQ377 Datasheet HTML 6Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
DC Characteristics for ’ACTQ Family Devices (Continued)
54ACTQ
Symbol
Parameter
V
CC
T
A =
Units
Conditions
(V)
−55˚C to +125˚C
Guaranteed Limits
V
OLV
Quiet Output Minimum
Dynamic V
OL
5.0
-1.2
V
(Note 4)
Note 2: *All outputs loaded; thresholds on input associated with output under test.
Note 3: Maximum test duration 2.0 ms, one output loaded at a time.
Note 4: Max number of outputs defined as (n). Data inputs are driven 0V to 3V. one output GND.
AC Electrical Characteristics
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note 5)
C
L = 50 pF
Min
Max
f
max
Maximum Clock
5.0
85
MHz
Frequency
t
PLH
Propagation Delay
5.0
1.5
10.0
ns
CP to Q
n
t
PHL
Propagation Delay
5.0
1.5
10.0
ns
CP to Q
n
Note 5: Voltage Range 5.0 is 5.0V ±0.5V
AC Operating Requirements
54ACTQ
V
CC
T
A = −55˚C
Fig.
Symbol
Parameter
(V)
to +125˚C
Units
No.
(Note
6)
C
L = 50 pF
Guaranteed Minimum
t
s
Setup Time, HIGH or LOW
5.0
4.0
ns
D
n to CP
t
h
Hold Time, HIGH or LOW
5.0
1.5
ns
D
n to CP
t
s
Setup Time, HIGH or LOW
5.0
5.0
ns
CE to CP
t
h
Hold Time, HIGH or LOW
5.0
1.5
ns
CE to CP
t
w
CP Pulse Width
5.0
5.0
ns
HIGH or LOW
Note 6: Voltage Range 5.0 is 5.0V ±0.5V
Capacitance
Symbol
Parameter
Typ
Units
Conditions
C
IN
Input Capacitance
10.0
pF
V
CC = OPEN
C
PD
Power Dissipation
80.0
pF
V
CC = 5.0V
Capacitance
www.national.com
4


Similar Part No. - 54ACTQ377

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54ACTQ373 TI1-54ACTQ373 Datasheet
214Kb / 10P
[Old version datasheet]   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
logo
National Semiconductor ...
54ACTQ373D NSC-54ACTQ373D Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ373F NSC-54ACTQ373F Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ373L NSC-54ACTQ373L Datasheet
170Kb / 8P
   Quiet Series Octal Transparent Latch with TRI-STATE Outputs
54ACTQ374D NSC-54ACTQ374D Datasheet
173Kb / 8P
   Quiet Series Octal D Flip-Flop with TRI-STATE Outputs
More results

Similar Description - 54ACTQ377

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
54AC377 NSC-54AC377 Datasheet
177Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
Motorola, Inc
MC74AC377 MOTOROLA-MC74AC377 Datasheet
215Kb / 6P
   OCTAL D FLIP-FLOP WITH CLOCK ENABLE
logo
ON Semiconductor
MC74ACT377MEL ONSEMI-MC74ACT377MEL Datasheet
111Kb / 12P
   Octal D Flip-Flop with Clock Enable
May, 2001 ??Rev.6
logo
National Semiconductor ...
54F377DM NSC-54F377DM Datasheet
143Kb / 8P
   Octal D Flip-Flop with Clock Enable
logo
ON Semiconductor
MC74AC377 ONSEMI-MC74AC377_15 Datasheet
102Kb / 9P
   Octal D Flip-Flop with Clock Enable
March, 2015 ??Rev. 10
logo
Fairchild Semiconductor
74AC377 FAIRCHILD-74AC377_08 Datasheet
426Kb / 13P
   Octal D-Type Flip-Flop with Clock Enable
logo
Texas Instruments
SN74F377A TI1-SN74F377A_16 Datasheet
813Kb / 13P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
74ACT11377 TI1-74ACT11377_10 Datasheet
87Kb / 6P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
54F377 TI1-54F377 Datasheet
392Kb / 10P
[Old version datasheet]   54F377 Octal D Flip-Flop with Clock Enable
SN74F377A TI-SN74F377A Datasheet
69Kb / 5P
[Old version datasheet]   OCTAL D-TYPE FLIP-FLOP WITH CLOCK ENABLE
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com