Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CAP1208-2-A4-TR Datasheet(PDF) 11 Page - Microchip Technology

Part # CAP1208-2-A4-TR
Description  8-Channel Capacitive Touch Sensor
Download  67 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

CAP1208-2-A4-TR Datasheet(HTML) 11 Page - Microchip Technology

Back Button CAP1208-2-A4-TR Datasheet HTML 7Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 8Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 9Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 10Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 11Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 12Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 13Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 14Page - Microchip Technology CAP1208-2-A4-TR Datasheet HTML 15Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 67 page
background image
8-Channel Capacitive Touch Sensor
Datasheet
 2014 Microchip Technology Inc.
DS00001570B-page 11
Table 2.2 Electrical Specifications
VDD = 3V to 5.5V, TA = 0°C to 85°C, all Typical values at TA = 25°C unless otherwise noted.
CHARACTERISTIC
SYMBOL
MIN
TYP
MAX
UNIT
CONDITIONS
DC POWER
Supply Voltage
VDD
3.0
5.5
V
Supply Current
ISTBY_DEF
120
170
µA
Standby state active
1 sensor input monitored
Default conditions (8 avg, 70ms
cycle time)
ISTBY_LP
50
µA
Standby state active
1 sensor input monitored
1 avg, 140ms cycle time
IDSLEEP_3V
5TBD
µA
Deep Sleep state active
No communications
TA < 40°C
3.135 < VDD < 3.465V
IDSLEEP_5V
TBD
TBD
µA
Deep Sleep state active
No communications
TA < 40°C
VDD = 5V
IDD
500
750
µA
Capacitive Sensing Active
CAPACITIVE TOUCH SENSOR INPUTS
Maximum Base
Capacitance
CBASE
50
pF
Pad untouched
Minimum Detectable
Capacitive Shift
ΔC
TOUCH
20
fF
Pad touched - default conditions
Recommended Cap
Shift
ΔC
TOUCH
0.1
2
pF
Pad touched - Not tested
Power Supply
Rejection
PSR
±3
±10
counts
/ V
Untouched Current Counts
Base Capacitance 5pF - 50pF
Negative Delta Counts disabled
Maximum sensitivity
All other parameters default
POWER-ON AND BROWN-OUT RESET (SEE Section 4.2, "Reset")
Power-On Reset
Voltage
VPOR
1
1.3
V
Pin States Defined
Power-On Reset
Release Voltage
VPORR
2.85
V
Rising VDD
Ensured by design
Brown-Out Reset
VBOR
2.8
V
Falling VDD
VDD Rise Rate
(ensures internal
POR signal)
SVDD
0.05
V/ms
0 to 3V in 60ms


Similar Part No. - CAP1208-2-A4-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1208-2-SL-TR MICROCHIP-CAP1208-2-SL-TR Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
More results

Similar Description - CAP1208-2-A4-TR

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
CAP1208 MICROCHIP-CAP1208_15 Datasheet
812Kb / 64P
   8-Channel Capacitive Touch Sensor
07/14/15
CAP1188 MICROCHIP-CAP1188 Datasheet
1Mb / 79P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
01/27/15
CAP1188-1-CP-TR MICROCHIP-CAP1188-1-CP-TR Datasheet
1Mb / 93P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
Revision 1.32 01-05-12
logo
SMSC Corporation
CAP1088 SMSC-CAP1088 Datasheet
1Mb / 72P
   8 Channel Capacitive Touch Sensor with 8 LED Drivers
logo
Microchip Technology
CAP1106 MICROCHIP-CAP1106 Datasheet
784Kb / 48P
   6 Channel Capacitive Touch Sensor
01/27/15
CAP1203 MICROCHIP-CAP1203 Datasheet
655Kb / 59P
   3-Channel Capacitive Touch Sensor
07/14/15
CAP1206 MICROCHIP-CAP1206 Datasheet
707Kb / 63P
   6-Channel Capacitive Touch Sensor
07/14/15
CAP1128 MICROCHIP-CAP1128 Datasheet
746Kb / 75P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
01/27/15
logo
SMSC Corporation
CAP1028 SMSC-CAP1028 Datasheet
1Mb / 71P
   8 Channel Capacitive Touch Sensor with 2 LED Drivers
logo
Asahi Kasei Microsystem...
AK4160 AKM-AK4160 Datasheet
448Kb / 40P
   16-channel Capacitive Touch Sensor IC
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com