Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1200A3675K01 Datasheet(PDF) 1 Page - SL Power Electronics

Part # CINT1200A3675K01
Description  200W Single Output Industrial Series
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1200A3675K01 Datasheet(HTML) 1 Page - SL Power Electronics

  CINT1200A3675K01 Datasheet HTML 1Page - SL Power Electronics CINT1200A3675K01 Datasheet HTML 2Page - SL Power Electronics CINT1200A3675K01 Datasheet HTML 3Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
CINT1200
200W Single Output
Industrial Series
www.slpower.com
CINT1200 REV 1.4 12-JUNE-13
1
Features
3” x 5” x 1.3” Package
200W with 100LFM Air
180W Convection Cooled
Class B Conducted EMI
Fits 1U Applications
Universal Input 90-264 Vac
Approved to CSA/EN/IEC/UL60950-1, 2
nd
Edition
Efficiency 90% typical
3 Year Warranty
RoHS Compliant
Description
A power-packed, highly efficient AC to DC power supply designed for industrial and ITE applications. These models
provide 180 Watts convection cooled, 200 Watts with moving air. The small heat footprint allows simple thermal design of
systems which use this product. All models are CE marked to low voltage directive and approved to ITE standards of
EN60950-1, 2nd edition.
Model Selection
Model
Output Current
Minimum
Ripple &
Total
OVP
Number
Volts
w/100LFM air
Convection*
Load
Noise**
Regulation
Threshold***
CINT1200A1275K01
12V
16.7A
15.0A
0A
120mV pk-pk
±
3%
14.0 ± 1.1V
CINT1200A1575K01
15V
13.3A
12.0A
0A
150mV pk-pk
±
3%
18.5 ± 1.2V
CINT1200A1875K01
18V
11.1A
10.0A
0A
180mV pk-pk
±
3%
21.5 ± 2.0V
CINT1200A2475K01
24V
8.33A
7.50A
0A
240mV pk-pk
±
3%
29.0 ± 2.5V
CINT1200A2875K01
28V
7.14A
6.40A
0A
280mV pk-pk
±
3%
33.5 ± 2.5V
CINT1200A3275K01
32V
6.25A
5.62A
0A
320mV pk-pk
±
3%
36.0 ± 3.0V
CINT1200A3675K01
36V
5.55A
5.00A
0A
360mV pk-pk
±
3%
41.0 ± 3.0V
CINT1200A4875K01
48V
4.17A
3.75A
0A
480mV pk-pk
±
3%
56.0 ± 3.0V
Notes:
*
Total convection power is 180 Watts.
** Measured with noise probe directly across output terminals, and load terminated with 0.1µF ceramic and 10µF low ESR capacitors.
General Specifications
AC Input
100-240Vac, ±10%, 47-63Hz, 1∅
120–370Vdc
Turn On Time
Less than 3 sec. @115Vac, Full Load
Input Current
115Vac: 1.8A, 230Vac: 0.9A
Hold-up Time
16mS at 200W, 120Vac/60Hz


Similar Part No. - CINT1200A3675K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1275 SLPOWER-CINT1275 Datasheet
719Kb / 9P
   A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
CINT1275A1214K01 SLPOWER-CINT1275A1214K01 Datasheet
719Kb / 9P
   A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
CINT1275A1214K01 SLPOWER-CINT1275A1214K01 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
CINT1275A1514K01 SLPOWER-CINT1275A1514K01 Datasheet
719Kb / 9P
   A Superior performance 275 Watts AC to DC power supply designed for industrial and ITE applications.
CINT1275A1514K01 SLPOWER-CINT1275A1514K01 Datasheet
2Mb / 9P
   Up to 275W of AC-DC Power
More results

Similar Description - CINT1200A3675K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
LE200S-CD SLPOWER-LE200S-CD Datasheet
1Mb / 4P
   200W Single Output LED Driver Series
LES200SCD SLPOWER-LES200SCD Datasheet
1Mb / 4P
   200W Single Output LED Driver Series
logo
Mean Well Enterprises C...
MSP-200-24 MEANWELL-MSP-200-24 Datasheet
164Kb / 4P
   200W Single Output Medical Type
OWA-200E MEANWELL-OWA-200E Datasheet
734Kb / 5P
   200W Single Output Moistureproof Adaptor
OWA-200U MEANWELL-OWA-200U Datasheet
714Kb / 5P
   200W Single Output Moistureproof Adaptor
MSP-200 MEANWELL-MSP-200 Datasheet
153Kb / 3P
   200W Single Output Medical Type
logo
XP Power Limited
PPS-200-5 XPPOWER-PPS-200-5 Datasheet
330Kb / 2P
   200W Single Output with PFC Function
logo
Mean Well Enterprises C...
PPS-200 MEANWELL-PPS-200 Datasheet
328Kb / 2P
   200W Single Output with PFC Function
HRP-200 MEANWELL-HRP-200 Datasheet
370Kb / 2P
   200W Single Output with PFC Function
SD-200_1109 MEANWELL-SD-200_1109 Datasheet
467Kb / 3P
   200W Single Output DC-DC Converter
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com