Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1175A1206K01 Datasheet(PDF) 6 Page - SL Power Electronics

Part # CINT1175A1206K01
Description  175W Single Output Industrial Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175A1206K01 Datasheet(HTML) 6 Page - SL Power Electronics

  CINT1175A1206K01 Datasheet HTML 1Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 2Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 3Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 4Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 5Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 6Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 7Page - SL Power Electronics CINT1175A1206K01 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 6 April-15
6
Output Specifications (continued)
Parameter
Conditions/Description
Min
Nom
Max
Units
Hold-Up Time
Starting at Vi = 230 VAC, Po nom
-
16
-
ms
Dynamic Load Regulation
Load change =50%, di/dt =0.2A/µS
voltage deviation 3%
0
3
% Vo nom
Start-Up Time
Vi nom, Io nom
0
-
2
s
Protection
All specifications apply over specified input voltage, output load, and temperature range, unless otherwise noted
Parameter
Conditions/Description
Min
Nom
Max
Units
Input Fuse
Not user accessible
Input Transient Protection
2KV(CM) and 1KV(DM) surge
2
KV (CM)
Output
No-load and short circuit proof
Hiccup or Latch
short circuit proof
Hiccup or Latch
overload (latch style)
Hiccup
Overvoltage Protection
Latch style
Latch
Over temperature Protection
Automatic power shutdown at TC =155°C
Characteristic Curves
Output vs. Temperature
120W convection cooled and 175W continuous with 200 LFM airflow, Derating output power to 50% at 70°C.


Similar Part No. - CINT1175A1206K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A1206K01 SLPOWER-CINT1175A1206K01 Datasheet
649Kb / 8P
   A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
CINT1175A1206K01 SLPOWER-CINT1175A1206K01 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
More results

Similar Description - CINT1175A1206K01

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A SLPOWER-CINT1175A Datasheet
1Mb / 8P
   175W Single Output Industrial Series
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
CINT1200 SLPOWER-CINT1200 Datasheet
495Kb / 3P
   200W Single Output Industrial Series
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com