Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CINT1175 Datasheet(PDF) 8 Page - SL Power Electronics

Part # CINT1175
Description  175W Single Output Industrial Series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SLPOWER [SL Power Electronics]
Direct Link  http://www.slpower.com/
Logo SLPOWER - SL Power Electronics

CINT1175 Datasheet(HTML) 8 Page - SL Power Electronics

  CINT1175_15 Datasheet HTML 1Page - SL Power Electronics CINT1175_15 Datasheet HTML 2Page - SL Power Electronics CINT1175_15 Datasheet HTML 3Page - SL Power Electronics CINT1175_15 Datasheet HTML 4Page - SL Power Electronics CINT1175_15 Datasheet HTML 5Page - SL Power Electronics CINT1175_15 Datasheet HTML 6Page - SL Power Electronics CINT1175_15 Datasheet HTML 7Page - SL Power Electronics CINT1175_15 Datasheet HTML 8Page - SL Power Electronics  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
CINT1175
175W Single Output
Industrial Series
www.slpower.com
CINT1175 REV 5.4, 6 April-15
8
Output Transient Response
50% load step within the regulation limits of minimum and maximum load, dI/dt< 0.2A/µSec. Recovery time not specified as there is no laps in regulation
with a 50% Load Step. Maximum voltage deviation is 3%, This test is performed on the MAIN OUTPUT ONLY.
Output Overload Characteristic
Supply shall protect itself against Overload conditions. The Power Supply shall recover from Overload Conditions without operator intervention.
Output Overshoot
When supply is turned on, off or when the load is stepped 100%, the Power Supply Overshoot/Undershoot shall not exceed minimum or maximum of
output voltage regulation.


Similar Part No. - CINT1175_15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A1506K01 SLPOWER-CINT1175A1506K01 Datasheet
649Kb / 8P
   A highly dense 175Watts AC to DC power supply designed for industrial and ITE applications.
CINT1175A1506K01 SLPOWER-CINT1175A1506K01 Datasheet
1Mb / 8P
   175W Single Output Industrial Series
More results

Similar Description - CINT1175_15

ManufacturerPart #DatasheetDescription
logo
SL Power Electronics
CINT1175A SLPOWER-CINT1175A Datasheet
1Mb / 8P
   175W Single Output Industrial Series
MINT1175 SLPOWER-MINT1175 Datasheet
1Mb / 8P
   175W Single Output Medical Series
CINT1200 SLPOWER-CINT1200 Datasheet
495Kb / 3P
   200W Single Output Industrial Series
logo
XP Power Limited
LCL XPPOWER-LCL Datasheet
1Mb / 12P
   SIngle Output Industrial Supplies
logo
List of Unclassifed Man...
HWS150-24 ETC2-HWS150-24 Datasheet
1Mb / 4P
   Single Output Industrial Power Supplies
logo
TDK Electronics
JFS0500 TDK-JFS0500 Datasheet
213Kb / 2P
   Single Output Industrial Power Supplies
HWS15A-150A TDK-HWS15A-150A Datasheet
2Mb / 6P
   Single Output Industrial Power Supplies
RTW28-3R6C TDK-RTW28-3R6C Datasheet
496Kb / 2P
   Single Output Industrial Power Supplies
JWS5028-A TDK-JWS5028-A Datasheet
183Kb / 2P
   Single Output Industrial Power Supplies
HWS15-24-A TDK-HWS15-24-A Datasheet
1,007Kb / 2P
   Single Output Industrial Power Supplies
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com