Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BGA622GPS Datasheet(PDF) 1 Page - Infineon Technologies AG

Part # BGA622GPS
Description  GPS Low Noise Amplifier using BGA622
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

BGA622GPS Datasheet(HTML) 1 Page - Infineon Technologies AG

  BGA622GPS Datasheet HTML 1Page - Infineon Technologies AG BGA622GPS Datasheet HTML 2Page - Infineon Technologies AG BGA622GPS Datasheet HTML 3Page - Infineon Technologies AG BGA622GPS Datasheet HTML 4Page - Infineon Technologies AG BGA622GPS Datasheet HTML 5Page - Infineon Technologies AG BGA622GPS Datasheet HTML 6Page - Infineon Technologies AG  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
%*$ *36
6LOLFRQ'LVFUHWHV
1
2002-02-07
*36/RZ 1RLVH $PSOLILHU XVLQJ%*$
)LJXUH 
$SSOLFDWLRQ&LUFXLW 'LDJUDP
7DEOH 
0HDVXUHG3HUIRUPDQFH 'DWDDW 0+] DQG 9&& 9
3DUDPHWHU
6\PERO
9DOXH
8QLW
Supply current
I
CC
5.8
mA
Insertion power gain
|S
21|
2
15.4
dB
Noise figure
NF
1.3
dB
Input return loss
|S
11|
2
13.7
dB
Output return loss
|S
22|
2
14.5
dB
Reverse isolation
|S
12|
2
27.5
dB
Input 1 dB-compression point
IP
1dB
-16
dBm
Input third order intercept point
1)
1)
∆f=1 MHz; P
in = -25 dBm
IIP
3
1dBm
&
47pF
5
0
1
2
3
4
,&
BGA622
Out
&
100nF
/
47nH
&
47pF
9FF
In
/
3.9nH
&
10nF


Similar Part No. - BGA622GPS

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
BGA622 INFINEON-BGA622 Datasheet
81Kb / 9P
   Silicon Germanium Wide Band Low Noise Amplifier
2002-09-13
BGA622 INFINEON-BGA622 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622L7 INFINEON-BGA622L7 Datasheet
379Kb / 10P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
BGA622 INFINEON-BGA622_08 Datasheet
403Kb / 12P
   Silicon Germanium Wide Band Low Noise Amplifier with 2 kV ESD Protection
Rev. 2.2, April 2008
More results

Similar Description - BGA622GPS

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
OM7815 NXP-OM7815 Datasheet
108Kb / 1P
   GPS low-noise amplifier front-end evaluation board using BGU7008
5/18/2012
logo
SJM Prewell. All Rights...
PLG01 SJM-PLG01 Datasheet
624Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659_09 Datasheet
241Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 2; 9/09
MAX2659_1108 MAXIM-MAX2659_1108 Datasheet
126Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 4; 8/11
MAX2659 MAXIM-MAX2659_V01 Datasheet
675Kb / 9P
   GPS/GNSS Low-Noise Amplifier
2021
MAX2659 MAXIM-MAX2659_11 Datasheet
125Kb / 6P
   GPS/GNSS Low-Noise Amplifier
Rev 3; 1/11
logo
SJM Prewell. All Rights...
PLG07 SJM-PLG07 Datasheet
424Kb / 8P
   Low Noise Amplifier for GPS
logo
Maxim Integrated Produc...
MAX2659 MAXIM-MAX2659 Datasheet
179Kb / 7P
   GPS/GNSS Low-Noise Amplifier
Rev 0; 4/07
logo
California Eastern Labs
UPC8236T6N-A CEL-UPC8236T6N-A Datasheet
714Kb / 11P
   SiGe:C LOW NOISE AMPLIFIER FOR GPS
logo
Skyworks Solutions Inc.
SKY65088 SKYWORKS-SKY65088 Datasheet
190Kb / 11P
   1.575 GHz GPS Low Noise Amplifier
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com