Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM9118 Datasheet(PDF) 2 Page - Silicon Laboratories

Part # TSM9118
Description  1.6V Nanopower Comparators with/without Internal References
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM9118 Datasheet(HTML) 2 Page - Silicon Laboratories

  TSM9118 Datasheet HTML 1Page - Silicon Laboratories TSM9118 Datasheet HTML 2Page - Silicon Laboratories TSM9118 Datasheet HTML 3Page - Silicon Laboratories TSM9118 Datasheet HTML 4Page - Silicon Laboratories TSM9118 Datasheet HTML 5Page - Silicon Laboratories TSM9118 Datasheet HTML 6Page - Silicon Laboratories TSM9118 Datasheet HTML 7Page - Silicon Laboratories TSM9118 Datasheet HTML 8Page - Silicon Laboratories TSM9118 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 18 page
background image
TSM9117-TSM9120
Page 2
TSM9117/20 Rev. 1.0
ABSOLUTE MAXIMUM RATINGS
Supply Voltage (VCC to VEE) ............................................ +6V
Voltage Inputs (IN+, IN-, REF) .... (VEE - 0.3V) to (VCC + 0.3V)
Output Voltage
TSM9117/9119 ........................ (VEE - 0.3V) to (VCC + 0.3V)
TSM9118/9120 ......................................(VEE - 0.3V) to +6V
Current Into Input Pins ................................................ ±20mA
Output Current ............................................................ ±50mA
Output Short-Circuit Duration ............................................10s
Continuous Power Dissipation (TA = +70°C)
5-Pin SC70 (Derate 2.5mW/°C above +70°C) ........ 200mW
8-Pin SOIC (Derate 5.88mW/°C above +70°C) ...... 471mW
Operating Temperature Range ...................... -40°C to +85°C
Junction Temperature ................................................ +150°C
Storage Temperature Range ....................... -65°C to +150°C
Lead Temperature (soldering, 10s) ............................... +300°
Electrical and thermal stresses beyond those listed under “Absolute Maximum Ratings” may cause permanent damage to the device. These
are stress ratings only and functional operation of the device at these or any other condition beyond those indicated in the operational sections
of the specifications is not implied. Exposure to any absolute maximum rating conditions for extended periods may affect device reliability and
lifetime.
PACKAGE/ORDERING INFORMATION
ORDER NUMBER
PART
MARKING
CARRIER
QUANTITY
ORDER NUMBER
PART
MARKING
CARRIER
QUANTITY
TSM9117EXK+
TAA
Tape
& Reel
-----
TSM9117ESA+
TS9117E
Tube
97
TSM9117EXK+T
Tape
& Reel
3000
TSM9118EXK+
TAB
Tape
& Reel
-----
TSM9117ESA+T
Tape
& Reel
2500
TSM9118EXK+T
Tape
& Reel
3000
TSM9119EXK+
TAC
Tape
& Reel
-----
TSM9120ESA+
TS9120E
Tube
97
TSM9119EXK+T
Tape
& Reel
3000
TSM9120EXK+
TAD
Tape
& Reel
-----
TSM9120ESA+T
Tape
& Reel
2500
TSM9120EXK+T
Tape
& Reel
3000
Lead-free Program: Silicon Labs supplies only lead-free packaging.
Consult Silicon Labs for products specified with wider operating temperature ranges.


Similar Part No. - TSM9118

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9118 TOUCHSTONE-TSM9118 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TSM9118EXK+T TOUCHSTONE-TSM9118EXK+T Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
More results

Similar Description - TSM9118

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM9117 TOUCHSTONE-TSM9117 Datasheet
913Kb / 17P
   1.6V Nanopower Comparators with/without Internal References
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117 MAXIM-MAX9117_07 Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 4; 1/07
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Maxim Integrated Produc...
MAX9117EXK-T MAXIM-MAX9117EXK-T Datasheet
342Kb / 14P
   SC70, 1.6V, Nanopower, Beyond-the-Rails Comparators
Rev 4; 1/07
MAX9015AEKAT MAXIM-MAX9015AEKAT Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 3; 10/13
MAX9015 MAXIM-MAX9015_09 Datasheet
430Kb / 17P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 2; 12/09
MAX9015 MAXIM-MAX9015 Datasheet
446Kb / 16P
   SOT23, Dual, Precision, 1.8V, Nanopower Comparators With/Without Reference
Rev 1; 7/03
MAX9025 MAXIM-MAX9025 Datasheet
813Kb / 13P
   UCSP, 1.8V, Nanopower, Beyond-the-Rails Comparators With/Without Reference
Rev 0; 5/04
logo
Intersil Corporation
ISL21080 INTERSIL-ISL21080_10 Datasheet
995Kb / 21P
   300nA NanoPower Voltage References
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com