Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM1285BESA Datasheet(PDF) 4 Page - Silicon Laboratories

Part # TSM1285BESA
Description  A 300ksps, Single-supply, Low-Power 12-Bit Serial-output ADC
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM1285BESA Datasheet(HTML) 4 Page - Silicon Laboratories

  TSM1285BESA Datasheet HTML 1Page - Silicon Laboratories TSM1285BESA Datasheet HTML 2Page - Silicon Laboratories TSM1285BESA Datasheet HTML 3Page - Silicon Laboratories TSM1285BESA Datasheet HTML 4Page - Silicon Laboratories TSM1285BESA Datasheet HTML 5Page - Silicon Laboratories TSM1285BESA Datasheet HTML 6Page - Silicon Laboratories TSM1285BESA Datasheet HTML 7Page - Silicon Laboratories TSM1285BESA Datasheet HTML 8Page - Silicon Laboratories TSM1285BESA Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 15 page
background image
TSM1285
Page 4
TSM1285 Rev. 1.0
TIMING SPECIFICATIONS
VDD = +2.7V to +3.6V, TA = -40ºC to +85ºC, unless otherwise noted.
PARAMETER
SYMBOL
CONDITIONS
MIN
TYP
MAX
UNITS
SCLK Period
tCP
208
ns
SCLK Pulse-Width High
tCH
83
ns
SCLK Pulse-Width Low
tCL
83
ns
CS Fall to SCLK Rise Setup
tCSS
45
ns
SCLK Rise to CS Rise Hold
tCSH
0
ns
SCLK Rise to CS Fall Ignore
tCSO
45
ns
CS Rise to SCLK Rise Ignore
tCS1
45
ns
SCLK Rise to DOUT Hold
tDOH
CLOAD = 20pF
13
ns
SCLK Rise to DOUT Valid
tDOV
CLOAD = 20pF
100
ns
CS Rise to DOUT Disable
tDOD
CLOAD = 20pF; Refer to Figure 2
13
85
ns
CS Fall to DOUT Enable
tDOE
CLOAD = 20pF; Refer to Figure 1
85
ns
CS Pulse-Width High
tCSW
100
ns
Note 1: Tested at VDD = VDD(MIN).
Note 2: Relative accuracy is the deviation of the analog value at any code from its theoretical value after the full-scale range has been
calibrated.
Note 3: Internal reference, offset, and reference errors nulled.
Note 4: Conversion time is defined as the number of clock cycles multiplied by the clock period; clock has 50% duty cycle.
Note 5: External load should not change during conversion for specified accuracy. Guaranteed specification limit of 2mV/mA because of
production test limitations.
Note 6: Electrical characteristics are guaranteed from VDD(MIN) to VDD(MAX). For operations beyond this range, see Typical Operating
Characteristics.
Note 7: TSM1285 tested with 20pF on DOUT and fSCLK = 4.8MHz, 0 to 3V. DOUT = full scale.


Similar Part No. - TSM1285BESA

ManufacturerPart #DatasheetDescription
logo
TRACO Electronic AG
TSM1205D TRACOPOWER-TSM1205D Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1205S TRACOPOWER-TSM1205S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
TSM1209S TRACOPOWER-TSM1209S Datasheet
1Mb / 7P
   DC/DC Converter TSM Series, 1 Watt
Rev. November 30, 2022
logo
Taiwan Semiconductor Co...
TSM120N06LCP TSC-TSM120N06LCP Datasheet
320Kb / 6P
   Low gate charge for fast power switching
TSM120N06LCR TSC-TSM120N06LCR Datasheet
423Kb / 6P
   Low gate charge for fast power switching
More results

Similar Description - TSM1285BESA

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003 Datasheet
170Kb / 2P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Silicon Laboratories
TS7003 SILABS-TS7003 Datasheet
1Mb / 15P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
Touchstone Semiconducto...
TS7003 TOUCHSTONE-TS7003_1 Datasheet
963Kb / 14P
   A 300ksps, Single-supply, 12-Bit Serial-output ADC
logo
ams AG
AS1530 AMSCO-AS1530 Datasheet
980Kb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps A/D Converters
logo
Zentrum Mikroelektronik...
ZADCS0882 ZMD-ZADCS0882 Datasheet
514Kb / 20P
   8-Bit, 300ksps, Serial Output ADC Family
logo
Maxim Integrated Produc...
MAX1284 MAXIM-MAX1284_V01 Datasheet
187Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
2010
MAX1284-MAX1285 MAXIM-MAX1284-MAX1285 Datasheet
210Kb / 15P
   400ksps/300ksps, Single-Supply, Low-Power, Serial 12-Bit ADCs with Internal Reference
logo
ams AG
AS1532 AMSCO-AS1532 Datasheet
93Kb / 2P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 4-Channel A/D Converters
AS1530 AMSCO-AS1530_1 Datasheet
1Mb / 29P
   12-Bit, Single-Supply, Low-Power, 400/300ksps, 8-Channel A/D Converters
logo
Maxim Integrated Produc...
MAX1280 MAXIM-MAX1280 Datasheet
363Kb / 24P
   400ksps/300ksps, Single-Supply, Low-Power, 8-Channel, Serial 12-Bit ADCs with Internal Reference
19-1684; Rev 0; 5/00
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com