Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BGA622 Datasheet(PDF) 8 Page - Infineon Technologies AG

Part No. BGA622
Description  Silicon Germanium Wide Band Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

BGA622 Datasheet(HTML) 8 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
BGA622
Data Sheet
8
2002-09-13
Stability K, B
1
= f(f)
V
CC
= 2.75V, I
tot−on
= 5.8mA
0
1
2
3
4
5
6
0
0.5
1
1.5
2
2.5
3
3.5
4
Frequency [GHz]
K
B1
Noise Figure F = f(f)
V
CC
= 2.75V, I
tot−on
= 5.8mA, Z
S
= 50
0
1
2
3
4
5
6
0.8
0.9
1
1.1
1.2
1.3
1.4
1.5
1.6
1.7
1.8
Frequency [GHz]
Input Compression Point P
−1dB
= f(V
CC
)
f = 2.14GHz, T
A
= −40 ... +85°C
2.6
2.8
3
3.2
3.4
−14
−13.5
−13
−12.5
−12
−11.5
−11
V
CC
[V]
Device Current I
tot−on
= f(T
A
, V
CC
)
V
CC
= parameter in V
−40
−20
0
20
40
60
80
5
5.5
6
6.5
7
7.5
8
8.5
T
A
[°C]
2.6
2.8
3
3.2
3.4


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn