Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BGA622 Datasheet(PDF) 7 Page - Infineon Technologies AG

Part No. BGA622
Description  Silicon Germanium Wide Band Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

BGA622 Datasheet(HTML) 7 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
BGA622
Data Sheet
7
2002-09-13
Off Gain |S
21
|
2 = f(f)
V
CC
= 2.75V, V
OUT
= 2.75V, I
tot−off
= 0.3mA
0
1
2
3
4
5
6
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency [GHz]
Matching |S
11
|, |S
22
| = f(f)
V
CC
= 2.75V, I
tot−on
= 5.8mA
0
1
2
3
4
5
6
−24
−22
−20
−18
−16
−14
−12
−10
−8
−6
−4
−2
0
Frequency [GHz]
S
11
S
22
Reverse Isolation |S
12
| = f(f)
V
CC
= 2.75V, I
tot−on
= 5.8mA
0
1
2
3
4
5
6
−45
−40
−35
−30
−25
−20
−15
−10
−5
0
Frequency [GHz]
Power Gain |S
21
|
2, G
ma
= f(f)
V
CC
= 2.75V, I
tot−on
= 5.8mA
0
1
2
3
4
5
6
0
5
10
15
20
25
Frequency [GHz]
|S
21
|
2
G
ma


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn