Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.COM

X  

Preview PDF Download HTML

BGA622 Datasheet(PDF) 4 Page - Infineon Technologies AG

Part No. BGA622
Description  Silicon Germanium Wide Band Low Noise Amplifier
Download  9 Pages
Scroll/Zoom Zoom In 100% Zoom Out
Maker  INFINEON [Infineon Technologies AG]
Homepage  http://www.infineon.com
Logo 

BGA622 Datasheet(HTML) 4 Page - Infineon Technologies AG

   
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
Data Sheet
4
2002-09-13
ESD: Electrostatic discharge sensitive device, observe handling precaution!
Type
Package
Marking
Chip
BGA622
SOT343
BRs
T0535
Silicon Germanium
Wide Band Low Noise Amplifier
BGA622
VPS05605
4
2
1
3
Features
• High gain, |S
21|
2=14.8 dB at 1.575 GHz
|S
21|
2=13.9 dB at 1.9 GHz
|S
21|
2=13.3 dB at 2.14 GHz
|S
21|
2=12.7 dB at 2.4 GHz
• Low noise figure, NF=1.1 dB at 2.14 GHz
• Operating frequency range 0.5 - 6 GHz
• Typical supply voltage: 2.75 V
• On/Off - Switch
• Output-match on chip, input pre-matched
• Low part count
•70 GHz f
T - Silicon Germanium technology
Applications
• LNA for GSM, GPS, DCS, PCS, UMTS, Bluetooth, ISM and WLAN
Vcc,4
Out,3
GND,2
In,1
On/Off
20 kOhm
Description
The BGA622 is a wide band low noise
amplifier, based on Infineon Technologies’
Silicon Germanium Technology B7HF. In
order to provide the LNA in a small package
the out-pin is simultaneously used for RF out
and On/Off switch. This functionality can be
accessed using a RF-Choke at the Out pin,
where a DC level of 0 V or an open switches
the device on and a DC level of Vcc
switches the device off. While the device is
switched off, it provides an insertion loss of
20 dB together with a high IIP3 up to
18
dBm.


Html Pages

1  2  3  4  5  6  7  8  9 


Datasheet Download




Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ]  

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Alldatasheet API   |   Link Exchange   |   Manufacturer List
All Rights Reserved© Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn