Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TSM917 Datasheet(PDF) 11 Page - Silicon Laboratories

Part # TSM917
Description  1.8V Nanopower Comparator with Internal 1.245V Reference
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TSM917 Datasheet(HTML) 11 Page - Silicon Laboratories

Back Button TSM917 Datasheet HTML 7Page - Silicon Laboratories TSM917 Datasheet HTML 8Page - Silicon Laboratories TSM917 Datasheet HTML 9Page - Silicon Laboratories TSM917 Datasheet HTML 10Page - Silicon Laboratories TSM917 Datasheet HTML 11Page - Silicon Laboratories TSM917 Datasheet HTML 12Page - Silicon Laboratories TSM917 Datasheet HTML 13Page - Silicon Laboratories TSM917 Datasheet HTML 14Page - Silicon Laboratories TSM917 Datasheet HTML 15Page - Silicon Laboratories  
Zoom Inzoom in Zoom Outzoom out
 11 / 15 page
background image
TSM917
TSM917 Rev. 1.0
Page 11
move quickly past the other input, moving the input
out of the region where oscillation occurs. Figure 2
illustrates the case in which an IN- input is a fixed
voltage and an IN+ is varied. If the input signals
were reversed, the figure would be the same with an
inverted output. To save cost and external pcb area,
an internal 4mV hysteresis circuit was added to the
TSM917.
Adding Hysteresis to the TSM917
The TSM917 exhibits an internal hysteresis band
(VHB)
of
4mV.
Additional
hysteresis
can
be
generated with three external resistors using positive
feedbackas shown in Figure 3. Unfortunately, this
method also reduces the hysteresis response time.
The design procedure below can be used to
calculate resistor values.
1) Setting R2. As the leakage current at the IN
pin is under 2nA, the current through R2
should be at least 0.2
μA to minimize offset
voltage errors caused by the input leakage
current. The current through R2 at the trip
point is (VREF - VOUT)/R2.
In solving for R2, there are two formulas –
one each for the two possible output states:
R2 = VREF/IR2
or
R2 = (VCC - VREF)/IR2
From the results of the two formulae, the
smaller of the two resulting resistor values is
chosen. For example, when using the
TSM917 (VREF = 1.245V) at a VCC = 3.3V
and if IR2 = 0.2
μA is chosen, then the
formulae above produce two resistor values:
6.23M
Ω and 10.24MΩ - the 6.2MΩ standard
value for R2 is selected.
2) Next, the desired hysteresis band (VHYSB) is
set. In this example, VHYSB is set to 100mV.
3) Resistor R1 is calculated according to the
following equation:
R1 = R2 x (VHB/VCC)
and substituting the values selected in 1)
and 2) above yields:
R1 = 6.2M
Ω x (100mV/3.3V) = 187.88kΩ
The 187k
Ω standard value for R1 is
selected.
4) The trip point for VIN rising (VTHR) is chosen
such that VTHR > VREF x (R1 + R2)/R2 (where
VTHF is the trip point for VIN falling). This is
the threshold voltage at which the
comparator switches its output from low to
high as VIN rises above the trip point. In this
example, VTHR is set to 3V.
5) With the VTHR from Step 4 above, resistor R3
is then computed as follows:
R3 = 1/[VTHR/(VREF x R1) - (1/R1) - (1/R2)]
R3 = 1/[3V/(1.245V x 187k
Ω) - (1/187kΩ)
- (1/6.2M
Ω)] = 135.56kΩ
In this example, a 137k
Ω, 1% standard
value resistor is selected for R3.
Figure 3: Using Three Resistors Introduces Additional
Hysteresis in the TSM917.
Figure 2: TSM917’s Threshold Hysteresis Band


Similar Part No. - TSM917

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESA++ TOUCHSTONE-TSM917ESA+ Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917ESA+T TOUCHSTONE-TSM917ESA+T Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TSM917EUK+T TOUCHSTONE-TSM917EUK+T Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
More results

Similar Description - TSM917

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TSM917 TOUCHSTONE-TSM917 Datasheet
686Kb / 14P
   1.8V Nanopower Comparator with Internal 1.245V Reference
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
logo
Silicon Laboratories
TS9001 SILABS-TS9001 Datasheet
1Mb / 15P
   1.6V Nanopower Comparator with Internal Reference
logo
Burr-Brown (TI)
TLV3011 BURR-BROWN-TLV3011 Datasheet
462Kb / 16P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
TLV3012 BURR-BROWN-TLV3012 Datasheet
236Kb / 13P
   Nanopower, 1.8V, SOT23 Comparator with Voltage Reference
logo
Linear Technology
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Texas Instruments
TLV3012-Q1 TI1-TLV3012-Q1 Datasheet
504Kb / 17P
[Old version datasheet]   NANOPOWER 1.8-V COMPARATOR WITH VOLTAGE REFERENCE
TLV3491 TI1-TLV3491_14 Datasheet
1Mb / 25P
[Old version datasheet]   1.8V, Nanopower, PUSH-PULL OUTPUT COMPARATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com