Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TS12012ITD1022T Datasheet(PDF) 1 Page - Silicon Laboratories

Part # TS12012ITD1022T
Description  Nanopower Op Amp, Comparator, and Reference
Download  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

TS12012ITD1022T Datasheet(HTML) 1 Page - Silicon Laboratories

  TS12012ITD1022T Datasheet HTML 1Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 2Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 3Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 4Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 5Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 6Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 7Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 8Page - Silicon Laboratories TS12012ITD1022T Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 18 page
background image
TS12011/TS12012
Page 1
© 2014 Silicon Laboratories, Inc. All rights reserved.
FEATURES
 NanoWatt Analog™ Op Amp, Comparator, and
0.58V Reference in Single 4 mm2 Package
 Ultra Low Total Supply Current: 1.6µA (max)
 Supply Voltage Range: 0.8V to 2.5V
 Internal 0.58V Reference
 Op Amp and Comparator Input Ranges are
Rail-to-Rail
 Unity-gain Stable Op Amp with AVOL = 104dB
 Op Amp Output: Rail-to-Rail and Phase-
Reversal-Free
 Internal ±7.5mV Comparator Hysteresis
 20µs Comparator Propagation Delay
 Resettable Latched Comparator
 TS12011: Push-pull Rail-to-Rail Output
TS12012: Open-drain Output
APPLICATIONS
Battery-powered Systems
Single-Cell and +1.8V, +2.5V Powered Systems
Low-Frequency, Local-Area Alarms/Detectors
Smoke Detectors and Safety Sensors
Infrared Receivers for Remote Controls
Instruments, Terminals, and Bar-Code Readers
Smart-Card Readers
DESCRIPTION
The TS12011/TS12012 combine a 0.58V reference, a
20µs comparator, and a unity-gain stable op amp in a
single IC. All three devices operate from a single 0.8V
to 2.5V power supply and consume less than 1.6µA
total supply current. Supply current for all three
functions
over
0.8V
to
2.5V
supply
range
is
guaranteed 1.6µA max.
Super-flexible for crafting voltage detectors, timers,
and wake-up circuits, these bundled functions exhibit
low shoot-through currents and graceful power-down
modes. Both the comparator and the op amp feature
rail-to-rail input stages. The latching comparator
exhibits ±7.5mV of internal hysteresis for clean,
chatter-free
output
switching.
When
compared
against similar products, the TS12011/TS12012 offer
a factor-of-20 lower power consumption and at least a
55% reduction in pcb area.
The TS12011’s comparator has a push-pull output
stage with break-before-make switches for low shoot-
through currents. The TS12012’s comparator has an
open-drain output having no parasitic diode to VDD,
for interfacing to wired-OR or mixed-voltage logic.
The TS12011 and the TS12012 are fully specified
over the -40°C to +85°C temperature range and each
is available in a low-profile, 10-pin 2x2mm TDFN
package with an exposed back-side paddle.
A 0.8V/1.5µA Nanopower Op Amp, Comparator, and Reference
TYPICAL APPLICATION CIRCUIT
Part Number
Comparator
Output Stage
TS12011
Push-pull
TS12012
Open-Drain


Similar Part No. - TS12012ITD1022T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12012ITD1022T TOUCHSTONE-TS12012ITD1022T Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
TS12012ITD1022TP TOUCHSTONE-TS12012ITD1022TP Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
More results

Similar Description - TS12012ITD1022T

ManufacturerPart #DatasheetDescription
logo
Touchstone Semiconducto...
TS12011 TOUCHSTONE-TS12011 Datasheet
809Kb / 11P
   A 0.8V/1.5uA Nanopower Op Amp, Comparator, and Reference
logo
Linear Technology
LTC1541 LINER-LTC1541 Datasheet
180Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541CDD LINER-LTC1541CDD Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1541 LINER-LTC1541_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1542 LINER-LTC1542_15 Datasheet
265Kb / 12P
   Micropower Op Amp, Comparator and Reference
LTC1540 LINER-LTC1540 Datasheet
247Kb / 12P
   Nanopower Comparator with Reference
LTC1540CDD LINER-LTC1540CDD Datasheet
147Kb / 12P
   Nanopower Comparator with Reference
LTC1540 LINER-LTC1540_15 Datasheet
160Kb / 12P
   Nanopower Comparator with Reference
logo
Shanghai Consonance Ele...
CN951 CONSONANCE-CN951 Datasheet
271Kb / 8P
   Low-Power, Single-Supply Op Amp Comparator Reference
logo
Touchstone Semiconducto...
TS9001 TOUCHSTONE-TS9001 Datasheet
237Kb / 8P
   1.6V Nanopower Comparator with Internal Reference
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com